Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4364-DQZ Datasheet (PDF) - Cirrus Logic

CS4364-DQZ Datasheet PDF - Cirrus Logic
Part # CS4364-DQZ
Download  CS4364-DQZ Download
File Size   983.74 Kbytes
Page   50 Pages
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic
Description 103 dB, 192 kHz 6-Channel D/A Converter

CS4364-DQZ Datasheet (PDF)

Go To PDF Page Download Datasheet
CS4364-DQZ Datasheet PDF - Cirrus Logic

Part # CS4364-DQZ
Download  CS4364-DQZ Click to download

File Size   983.74 Kbytes
Page   50 Pages
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic
Description 103 dB, 192 kHz 6-Channel D/A Converter

CS4364-DQZ Datasheet (HTML) - Cirrus Logic


CS4364-DQZ Product details

Description
The CS4364 is a complete 6-channel digital-to-analog system. This D/A system includes digital de-emphasis, half-dB step size volume control, ATAPI channel mixing, selectable fast and slow digital interpolation filters followed by an oversampled, multi-bit delta sigma modulator which includes mismatch shaping technology that eliminates distortion due to capacitor mismatch. Following this stage is a multi-element switched capacitor stage and low-pass filter with single-ended analog outputs.

Features
♦ Advanced Multi-bit Delta Sigma Architecture
♦ 24-bit Conversion
♦ Automatic Detection of Sample Rates up to 192 kHz
♦ 103 dB Dynamic Range
♦ -88 dB THD+N
♦ Single-Ended Output Architecture
♦ Direct Stream Digital Mode
    – Non-Decimating Volume Control
    – On-Chip 50 kHz Filter
    – Matched PCM and DSD Analog Output Levels
♦ Compatible with Industry-Standard Time Division Multiplexed (TDM) Serial Interface
♦ Selectable Digital Filters
♦ Volume Control with 1/2-dB Step Size and Soft Ramp
♦ Low Clock Jitter Sensitivity
♦ +5 V Analog Supply, +2.5 V Digital Supply
♦ Separate 1.8 to 5 V Logic Supplies for the Control & Serial Ports




Similar Part No. - CS4364-DQZ

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS4364-CQZ CIRRUS-CS4364-CQZ Datasheet
1Mb / 50P
103 dB, 192 kHz 6-Channel D/A Converter
CS4364-CQZR CIRRUS-CS4364-CQZR Datasheet
1Mb / 50P
103 dB, 192 kHz 6-Channel D/A Converter
More results


Similar Description - CS4364-DQZ

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS4362 CIRRUS-CS4362 Datasheet
951Kb / 40P
114 dB, 192 kHz 6-Channel D/A Converter?
CS4384 CIRRUS-CS4384 Datasheet
999Kb / 50P
103 dB, 192 kHz 8-Channel D/A Converter
CS4362 CIRRUS-CS4362_04 Datasheet
1,010Kb / 42P
114 dB, 192 kHz 6-channel D/A Converter
CS4365 CIRRUS-CS4365_07 Datasheet
1Mb / 52P
114 dB, 192 kHz 6-Channel D/A Converter
CS5366 CIRRUS-CS5366 Datasheet
713Kb / 41P
114 dB, 192 kHz, 6-Channel A/D Converter
CS4362 CIRRUS-CS4362_08 Datasheet
837Kb / 42P
114 dB, 192 kHz 6-Channel D/A Converter
CS4364 CIRRUS-CS4364_08 Datasheet
1Mb / 50P
103 dB, 192 kHz 6-Channel D/A Converter
CS4384 CIRRUS-CS4384_08 Datasheet
1Mb / 52P
103 dB, 192 kHz 8-Channel D/A Converter
CS5366 CIRRUS-CS5366_08 Datasheet
645Kb / 41P
114 dB, 192 kHz, 6-Channel A/D Converter
CS4362A CIRRUS-CS4362A_09 Datasheet
1,011Kb / 50P
114 dB, 192 kHz 6-Channel D/A Converter
More results




About Cirrus Logic


Cirrus Logic is an American company that specializes in the design and manufacture of high-precision analog and mixed-signal integrated circuits (ICs).
The company was founded in 1984 and is headquartered in Austin, Texas, USA.
Cirrus Logic offers a wide range of products including audio converters, audio codecs, digital signal processors, and other analog and mixed-signal ICs.
The company's products are used in various applications such as consumer electronics, automotive audio systems, and professional audio equipment.
Cirrus Logic is known for its expertise in analog and mixed-signal technology, high-quality products, and innovation in the field of audio and voice processing.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com