Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5461A Datasheet (PDF) - Cirrus Logic

CS5461A Datasheet PDF - Cirrus Logic
Part # CS5461A
Download  CS5461A Download
File Size   757.94 Kbytes
Page   41 Pages
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic
Description Single Phase, Bi-directional Power/Energy IC

CS5461A Datasheet (PDF)

Go To PDF Page Download Datasheet
CS5461A Datasheet PDF - Cirrus Logic

Part # CS5461A
Download  CS5461A Click to download

File Size   757.94 Kbytes
Page   41 Pages
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic
Description Single Phase, Bi-directional Power/Energy IC

CS5461A Datasheet (HTML) - Cirrus Logic


CS5461A Product details

Description

The CS5461A is an integrated power measure ment device which combines two  ∆Σ analog-to-digital converters, power calculation engine, energy-to-frequency converter, and a serial interface on a single chip. It is designed to

accurately measure instantaneous current and voltage, and calculate VRMS, IRMS, instantaneous power, apparent power, and active power for single-phase, 2- or3-wire power metering applications.



Features

• Energy Data Linearity: ±0.1% of Reading over 1000:1 Dynamic Range

• On-chip Functions:

  - Instantaneous Voltage, Current, and Power

  - IRMSand VRMS, Apparent and Active (Real) Pow

  - Energy-to-pulse Conversion for Mechanical Counter/Stepper Motor Drive

  - System Calibrations and Phase Compensation

  - Temperature Sensor

- Voltage Sag Detect

• Meets Accuracy Spec for IEC, ANSI, & JIS.

• Low Power Consumption

• Current Input Optimized for Sense Resistor.

• GND-referenced Signals with Single Supply

• On-chip 2.5 V Reference (25 ppm/°C typ)

• Power Supply Monitor

• Simple Three-wire Digital Serial Interface

• “Auto-boot” Mode from Serial E2PROM.

• Power Supply Configurations:

  VA+ = +5 V; AGND = 0 V; VD+ = +3.3 V to +5 V




Similar Part No. - CS5461A

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS5461A CIRRUS-CS5461A Datasheet
705Kb / 44P
Single Phase, Bi-directional Power/Energy IC
CS5461A-IS CIRRUS-CS5461A-IS Datasheet
705Kb / 44P
Single Phase, Bi-directional Power/Energy IC
CS5461A-ISZ CIRRUS-CS5461A-ISZ Datasheet
705Kb / 44P
Single Phase, Bi-directional Power/Energy IC
CS5461A CIRRUS-CS5461A_08 Datasheet
705Kb / 44P
Single Phase, Bi-directional Power/Energy IC
More results


Similar Description - CS5461A

ManufacturerPart #DatasheetDescription
logo
Sames
SA2002H SAMES-SA2002H Datasheet
147Kb / 12P
Single Phase Bi-directional Power / Energy Metering IC with Instantaneous Pulse Output
logo
Cirrus Logic
CS5460A CIRRUS-CS5460A Datasheet
876Kb / 54P
Single Phase Bi-Directional Power/Energy IC
CS5461 CIRRUS-CS5461 Datasheet
336Kb / 46P
Single Phase Bi-Directional Power/Energy IC
CS5463 CIRRUS-CS5463 Datasheet
875Kb / 44P
Single Phase, Bi-directional Power/Energy IC
CS5460 CIRRUS-CS5460 Datasheet
583Kb / 34P
Single Phase Bi-Directional Power/Energy IC
CS5460A CIRRUS-CS5460A_07 Datasheet
775Kb / 54P
Single Phase, Bi-directional Power/Energy IC
CS5461A CIRRUS-CS5461A_08 Datasheet
705Kb / 44P
Single Phase, Bi-directional Power/Energy IC
CS5463 CIRRUS-CS5463_08 Datasheet
770Kb / 46P
Single Phase, Bi-directional Power/Energy IC
CS5461_0408 CIRRUS-CS5461_0408 Datasheet
665Kb / 45P
Single Phase Bi-Directional Power/Energy IC
CS5463 CIRRUS-CS5463_11 Datasheet
388Kb / 46P
Single Phase, Bi-directional Power/Energy IC
More results




About Cirrus Logic


Cirrus Logic is an American company that specializes in the design and manufacture of high-precision analog and mixed-signal integrated circuits (ICs).
The company was founded in 1984 and is headquartered in Austin, Texas, USA.
Cirrus Logic offers a wide range of products including audio converters, audio codecs, digital signal processors, and other analog and mixed-signal ICs.
The company's products are used in various applications such as consumer electronics, automotive audio systems, and professional audio equipment.
Cirrus Logic is known for its expertise in analog and mixed-signal technology, high-quality products, and innovation in the field of audio and voice processing.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com