Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5460 Datasheet (PDF) - Cirrus Logic

CS5460 Datasheet PDF - Cirrus Logic
Part # CS5460
Download  CS5460 Download
File Size   583.08 Kbytes
Page   34 Pages
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic
Description Single Phase Bi-Directional Power/Energy IC

CS5460 Datasheet (PDF)

Go To PDF Page Download Datasheet
CS5460 Datasheet PDF - Cirrus Logic

Part # CS5460
Download  CS5460 Click to download

File Size   583.08 Kbytes
Page   34 Pages
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic
Description Single Phase Bi-Directional Power/Energy IC

CS5460 Datasheet (HTML) - Cirrus Logic


CS5460 Product details

Description

The CS5460 is a highly integrated ∆ΣAnalog-to-Digital Converter (ADC) which combines two ∆ΣADCs, high speed power calculation functions, and a serial interface on a single chip. It is designed to accurately measure and calculate: Energy, Instantaneous Power, IRMS, and VRMS for single phase 2 or 3-wire power meter applications.



Features

Energy Data Linearity: 0.1% of Reading over 1000:1 Dynamic Range

On-Chip Functions: Energy, I ∗V, IRMSand VRMS, Energy to Pulse-Rate Conversion

Complies with IEC 687/1036, JIS

Power Consumption <12 mW

Interface Optimized for Shunt Sensor

Phase Compensation

Ground-Referenced Signals with Single Supply

System Calibration

On-chip 2.5 V Reference (60 ppm/°C drift)

Simple Three-wire Serial Interface

Watch Dog Timer

Power Supply Monitor

Power Supply Configurations

- VA+ = +5 V; VA- = 0V; VD+ = +3 V to +5 V

- VA+ = +2.5 V; VA- = -2.5 V; VD+ = +3 V




Similar Part No. - CS5460

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS5460A CIRRUS-CS5460A Datasheet
876Kb / 54P
Single Phase Bi-Directional Power/Energy IC
CS5460A CIRRUS-CS5460A Datasheet
775Kb / 54P
Single Phase, Bi-directional Power/Energy IC
CS5460A-BS CIRRUS-CS5460A-BS Datasheet
876Kb / 54P
Single Phase Bi-Directional Power/Energy IC
CS5460A-BS CIRRUS-CS5460A-BS Datasheet
775Kb / 54P
Single Phase, Bi-directional Power/Energy IC
logo
List of Unclassifed Man...
CS5460A-BS ETC2-CS5460A-BS Datasheet
2Mb / 31P
SEMICONDUCTORS
More results


Similar Description - CS5460

ManufacturerPart #DatasheetDescription
logo
Sames
SA2002H SAMES-SA2002H Datasheet
147Kb / 12P
Single Phase Bi-directional Power / Energy Metering IC with Instantaneous Pulse Output
logo
Cirrus Logic
CS5460A CIRRUS-CS5460A Datasheet
876Kb / 54P
Single Phase Bi-Directional Power/Energy IC
CS5461 CIRRUS-CS5461 Datasheet
336Kb / 46P
Single Phase Bi-Directional Power/Energy IC
CS5461A CIRRUS-CS5461A Datasheet
757Kb / 41P
Single Phase, Bi-directional Power/Energy IC
CS5463 CIRRUS-CS5463 Datasheet
875Kb / 44P
Single Phase, Bi-directional Power/Energy IC
CS5460A CIRRUS-CS5460A_07 Datasheet
775Kb / 54P
Single Phase, Bi-directional Power/Energy IC
CS5461A CIRRUS-CS5461A_08 Datasheet
705Kb / 44P
Single Phase, Bi-directional Power/Energy IC
CS5463 CIRRUS-CS5463_08 Datasheet
770Kb / 46P
Single Phase, Bi-directional Power/Energy IC
CS5461_0408 CIRRUS-CS5461_0408 Datasheet
665Kb / 45P
Single Phase Bi-Directional Power/Energy IC
CS5463 CIRRUS-CS5463_11 Datasheet
388Kb / 46P
Single Phase, Bi-directional Power/Energy IC
More results




About Cirrus Logic


Cirrus Logic is an American company that specializes in the design and manufacture of high-precision analog and mixed-signal integrated circuits (ICs).
The company was founded in 1984 and is headquartered in Austin, Texas, USA.
Cirrus Logic offers a wide range of products including audio converters, audio codecs, digital signal processors, and other analog and mixed-signal ICs.
The company's products are used in various applications such as consumer electronics, automotive audio systems, and professional audio equipment.
Cirrus Logic is known for its expertise in analog and mixed-signal technology, high-quality products, and innovation in the field of audio and voice processing.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com