Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS42438 Datasheet (PDF) - Cirrus Logic

CS42438 Datasheet PDF - Cirrus Logic
Part # CS42438
Download  CS42438 Download
File Size   1061.14 Kbytes
Page   64 Pages
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic
Description 108 dB, 192 kHz 6-in, 8-out TDM CODEC

CS42438 Datasheet (PDF)

Go To PDF Page Download Datasheet
CS42438 Datasheet PDF - Cirrus Logic

Part # CS42438
Download  CS42438 Click to download

File Size   1061.14 Kbytes
Page   64 Pages
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic
Description 108 dB, 192 kHz 6-in, 8-out TDM CODEC

CS42438 Datasheet (HTML) - Cirrus Logic


CS42438 Product details

GENERAL DESCRIPTION
The CS42438 CODEC provides six multi-bit analog-to-digital and eight multi-bit digital-to-analog Delta-sigma converters. The CODEC is capable of operation with either differential or single-ended inputs and outputs, in a 52-pin MQFP package.

FEATURES
• Six 24-bit A/D, Eight 24-bit D/A Converters
• ADC Dynamic Range
    – 105 dB Differential
    – 102 dB Single-ended
• DAC Dynamic Range
    – 108 dB Differential
    – 105 dB Single-ended
• ADC/DAC THD+N
    – -98 dB Differential
    – -95 dB Single-ended
• Compatible with Industry-standard Time Division Multiplexed (TDM) Serial Interface
• DAC Sampling Rates up to 192 kHz
• ADC Sampling Rates up to 96 kHz
• Programmable ADC High-pass Filter for DC Offset Calibration
• Logarithmic Digital Volume Control
• Hardware Mode or Software I²C & SPI™
• Supports Logic Levels Between 5 V and 1.8 V




Similar Part No. - CS42438

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS42438 CIRRUS-CS42438 Datasheet
1Mb / 62P
108 dB, 192 kHz 6-in, 8-out TDM CODEC
CS42438 CIRRUS-CS42438 Datasheet
1Mb / 61P
108 dB, 192 kHz 6-In, 8-Out TDM CODEC
CS42438-CMZ CIRRUS-CS42438-CMZ Datasheet
1Mb / 62P
108 dB, 192 kHz 6-in, 8-out TDM CODEC
CS42438-CMZ CIRRUS-CS42438-CMZ Datasheet
1Mb / 61P
108 dB, 192 kHz 6-In, 8-Out TDM CODEC
CS42438-CMZR CIRRUS-CS42438-CMZR Datasheet
1Mb / 62P
108 dB, 192 kHz 6-in, 8-out TDM CODEC
More results


Similar Description - CS42438

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS42432 CIRRUS-CS42432 Datasheet
1,004Kb / 62P
108 dB, 192 kHz 4-in, 6-out TDM CODEC
CS42436 CIRRUS-CS42436 Datasheet
1Mb / 66P
108 dB, 192 kHz 6-in, 6-out TDM CODEC
CS42435 CIRRUS-CS42435 Datasheet
1Mb / 58P
108 dB, 192 kHz 4-In, 8-Out TDM CODEC
CS42432 CIRRUS-CS42432_06 Datasheet
1Mb / 59P
108 dB, 192 kHz 4-In, 6-Out TDM CODEC
CS42436 CIRRUS-CS42436_06 Datasheet
1Mb / 62P
108 dB, 192 kHz 6-in, 6-out TDM CODEC
CS42438 CIRRUS-CS42438_06 Datasheet
1Mb / 62P
108 dB, 192 kHz 6-in, 8-out TDM CODEC
CS42432 CIRRUS-CS42432_07 Datasheet
1Mb / 58P
108 dB, 192 kHz 4-In, 6-Out TDM CODEC
CS42435 CIRRUS-CS42435_07 Datasheet
1Mb / 57P
108 dB, 192 kHz 4-In, 8-Out TDM CODEC
CS42436 CIRRUS-CS42436_07 Datasheet
1Mb / 61P
108 dB, 192 kHz 6-In, 6-Out TDM CODEC
CS42438 CIRRUS-CS42438_07 Datasheet
1Mb / 61P
108 dB, 192 kHz 6-In, 8-Out TDM CODEC
More results




About Cirrus Logic


Cirrus Logic is an American company that specializes in the design and manufacture of high-precision analog and mixed-signal integrated circuits (ICs).
The company was founded in 1984 and is headquartered in Austin, Texas, USA.
Cirrus Logic offers a wide range of products including audio converters, audio codecs, digital signal processors, and other analog and mixed-signal ICs.
The company's products are used in various applications such as consumer electronics, automotive audio systems, and professional audio equipment.
Cirrus Logic is known for its expertise in analog and mixed-signal technology, high-quality products, and innovation in the field of audio and voice processing.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com