Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS42438 Datasheet(PDF) 3 Page - Cirrus Logic

Part # CS42438
Description  108 dB, 192 kHz 6-in, 8-out TDM CODEC
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS42438 Datasheet(HTML) 3 Page - Cirrus Logic

  CS42438 Datasheet HTML 1Page - Cirrus Logic CS42438 Datasheet HTML 2Page - Cirrus Logic CS42438 Datasheet HTML 3Page - Cirrus Logic CS42438 Datasheet HTML 4Page - Cirrus Logic CS42438 Datasheet HTML 5Page - Cirrus Logic CS42438 Datasheet HTML 6Page - Cirrus Logic CS42438 Datasheet HTML 7Page - Cirrus Logic CS42438 Datasheet HTML 8Page - Cirrus Logic CS42438 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 64 page
background image
DS646PP2
3
7.5 Miscellaneous Control (address 04h) ............................................................................... 44
7.6 ADC Control & DAC De-emphasis (address 05h) ............................................................ 45
7.7 Transition Control (address 06h) ...................................................................................... 46
7.8 DAC Channel Mute (address 07h) ................................................................................... 48
7.9 AOUTX Volume Control (addresses 08h- 0Fh)
............................................................ 48
7.10 DAC Channel Invert (address 10h) ................................................................................ 49
7.11 AINX Volume Control (address 11h-16h) ....................................................................... 49
7.12 ADC Channel Invert (address 17h) ................................................................................ 49
7.13 Status (address 19h) (Read Only) ................................................................................. 50
7.14 Status Mask (address 1Ah) ............................................................................................ 50
8 APPENDIX A: EXTERNAL FILTERS ...................................................................................... 51
8.1 ADC Input Filter ............................................................................................................... 51
8.1.1 Passive Input Filter ............................................................................................. 52
8.1.2 Passive Input Filter w/Attenuation ....................................................................... 52
8.2 DAC Output Filter ............................................................................................................ 54
9 APPENDIX B: ADC FILTER PLOTS ....................................................................................... 55
10 APPENDIX C: DAC FILTER PLOTS ..................................................................................... 57
11 PARAMETER DEFINITIONS ................................................................................................. 59
12 REFERENCES ....................................................................................................................... 60
13 PACKAGE INFORMATION ................................................................................................... 61
13.1 Thermal Characteristics ................................................................................................ 61
14 ORDERING INFORMATION ................................................................................................. 62
15 REVISION HISTORY ............................................................................................................. 63



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com