Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS42438 Datasheet(PDF) 52 Page - Cirrus Logic

Part # CS42438
Description  108 dB, 192 kHz 6-in, 8-out TDM CODEC
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS42438 Datasheet(HTML) 52 Page - Cirrus Logic

Back Button CS42438 Datasheet HTML 48Page - Cirrus Logic CS42438 Datasheet HTML 49Page - Cirrus Logic CS42438 Datasheet HTML 50Page - Cirrus Logic CS42438 Datasheet HTML 51Page - Cirrus Logic CS42438 Datasheet HTML 52Page - Cirrus Logic CS42438 Datasheet HTML 53Page - Cirrus Logic CS42438 Datasheet HTML 54Page - Cirrus Logic CS42438 Datasheet HTML 55Page - Cirrus Logic CS42438 Datasheet HTML 56Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 64 page
background image
52
DS646PP2
8.1.1 Passive Input Filter
The passive filter implementation shown in Figure 22 will attenuate any noise energy at
6.144 MHz but will not provide optimum source impedance for the ADC modulators. Full analog
performance will therefore not be realized using a passive filter. Figure 22 illustrates the unity
gain, passive input filter solution. In this topology the distortion performance is affected, but the
dynamic range performance is not limited.
8.1.2 Passive Input Filter w/Attenuation
Some applications may require signal attenuation prior to the ADC. The full-scale input voltage
will scale with the analog power supply voltage. For VA = 5.0 V, the full-scale input voltage is
approximately 2.8 Vpp, or 1 Vrms (most consumer audio line-level outputs range from 1.5 to
2Vrms).
Figure 23 shows a passive input filter with 6 dB of signal attenuation. Due to the relatively high
input impedance on the analog inputs, the full distortion performance cannot be realized. Also,
the resistor divider circuit will determine the input impedance into the input filter. In the circuit
shown in Figure 23, the input impedance is approximately 5 k
Ω. By doubling the resistor values,
the input impedance will increase to 10 k
Ω. However, in this case the distortion performance will
drop due to the increase in series resistance on the analog inputs.
2700 pF
C0G
10
µF
100 k
Ω
150
Ω
AIN1+,2+,3+,4+
AIN1-,2-,3-,4-
ADC1-2
4.7
µF
AIN5A,6A
AIN5B,6B
ADC3
2700 pF
C0G
10
µF
100 k
Ω
150
Ω
2700 pF
C0G
10
µF
100 k
Ω
150
Ω
Figure 22. Passive Input Filter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com