Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS42438 Datasheet(PDF) 32 Page - Cirrus Logic

Part # CS42438
Description  108 dB, 192 kHz 6-in, 8-out TDM CODEC
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS42438 Datasheet(HTML) 32 Page - Cirrus Logic

Back Button CS42438 Datasheet HTML 28Page - Cirrus Logic CS42438 Datasheet HTML 29Page - Cirrus Logic CS42438 Datasheet HTML 30Page - Cirrus Logic CS42438 Datasheet HTML 31Page - Cirrus Logic CS42438 Datasheet HTML 32Page - Cirrus Logic CS42438 Datasheet HTML 33Page - Cirrus Logic CS42438 Datasheet HTML 34Page - Cirrus Logic CS42438 Datasheet HTML 35Page - Cirrus Logic CS42438 Datasheet HTML 36Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 64 page
background image
32
DS646PP2
5.3.3 Digital Volume Control
Hardware Mode
DAC Volume Control and Mute are not accessible in Hardware Mode.
Software Mode
Each DAC’s output level is controlled via the Volume Control registers operating over the range
of 0 to -127.5 dB attenuation with 0.5 dB resolution. See “AOUTX Volume Control (addresses
08h- 0Fh)” on page 48. Volume control changes are programmable to ramp in increments of
0.125 dB at the rate controlled by the SZC[1:0] bits in the Digital Volume Control register. See
“Transition Control (address 06h)” on page 46.
Each output can be independently muted via mute control bits in the register “DAC Channel
Mute (address 07h)” on page 48. When enabled, each AOUTx_MUTE bit attenuates the corre-
sponding DAC to its maximum value (-127.5 dB). When the AOUTx_MUTE bit is disabled, the
corresponding DAC returns to the attenuation level set in the Volume Control register. The at-
tenuation is ramped up and down at the rate specified by the SZC[1:0] bits.
5.3.4 De-Emphasis Filter
The CS42438 includes on-chip digital de-emphasis optimized for a sample rate of 44.1 kHz. The
filter response is shown in Figure 13. The de-emphasis feature is included to accommodate au-
dio recordings that utilize 50/15
µs pre-emphasis equalization as a means of noise reduction.
AOUTx+
AOUTx-
Full-Scale Differential Output Level =
(AOUTx+) - (AOUTx-) = 6.5 VPP = 2.3 VRMS
4.125 V
2.5 V
0.875 V
5.0 V
4.125 V
2.5 V
0.875 V
VA
Figure 12. Full-Scale Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com