Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX7044 Datasheet (PDF) - Maxim Integrated Products

MAX7044 Datasheet PDF - Maxim Integrated Products
Part # MAX7044
Download  MAX7044 Download
File Size   301.2 Kbytes
Page   9 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 300MHz to 450MHz High-Efficiency, Crystal-Based 13dBm ASK Transmitter

MAX7044 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX7044 Datasheet PDF - Maxim Integrated Products

Part # MAX7044
Download  MAX7044 Click to download

File Size   301.2 Kbytes
Page   9 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 300MHz to 450MHz High-Efficiency, Crystal-Based 13dBm ASK Transmitter

MAX7044 Datasheet (HTML) - Maxim Integrated Products


MAX7044 Product details

General Description
The MAX7044 crystal-referenced phase-locked-loop (PLL) VHF/UHF transmitter is designed to transmit OOK/ASK data in the 300MHz to 450MHz frequency range. The MAX7044 supports data rates up to 100kbps, and provides output power up to +13dBm into a 50Ω load while only drawing 7.7mA at 2.7V.

Features
● +2.1V to +3.6V Single-Supply Operation
● OOK/ASK Transmit Data Format
● Up to 100kbps Data Rate
● +13dBm Output Power into 50Ω Load
● Low 7.7mA (typ) Operating Supply Current*
● Uses Small, Low-Cost Crystal
● Small 3mm x 3mm 8-Pin SOT23 Package
● Fast-On Oscillator: 250μs Startup Time

Applications
● Remote Keyless Entry (RKE)
● Tire-Pressure Monitoring (TPM)
● Security Systems
● Garage Door Openers
● RF Remote Controls
● Wireless Game Consoles
● Wireless Computer Peripherals
● Wireless Sensors




Similar Part No. - MAX7044

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX7044 MAXIM-MAX7044 Datasheet
124Kb / 6P
Evaluation Kit
Rev 0; 3/05
MAX7044 MAXIM-MAX7044 Datasheet
258Kb / 10P
300MHz to 450MHz High-Efficiency, Crystal-Based 13dBm ASK Transmitter
Rev 3; 6/09
MAX7044 MAXIM-MAX7044 Datasheet
151Kb / 10P
300MHz to 450MHz High-Efficiency, Crystal-Based 13dBm ASK Transmitter
Rev 4; 2/11
MAX7044 MAXIM-MAX7044 Datasheet
6Mb / 32P
Single Input Voltage Supply from 2.1V to 3.6V
Rev 3; 6/21
MAX7044AKA MAXIM-MAX7044AKA Datasheet
151Kb / 10P
300MHz to 450MHz High-Efficiency, Crystal-Based 13dBm ASK Transmitter
Rev 4; 2/11
More results


Similar Description - MAX7044

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1472 MAXIM-MAX1472 Datasheet
210Kb / 9P
300MHz-to-450MHz Low-Power, Crystal-Based ASK Transmitter
Rev 0; 5/03
MAX1479 MAXIM-MAX1479 Datasheet
635Kb / 11P
300MHz to 450MHz Low-Power, Crystal-Based 10dBm ASK/FSK Transmitter
Rev 0; 8/04
MAX1472 MAXIM-MAX1472_05 Datasheet
239Kb / 9P
300MHz-to-450MHz Low-Power, Crystal-Based ASK Transmitter
Rev 1; 4/05
MAX1479 MAXIM-MAX1479_09 Datasheet
270Kb / 10P
300MHz to 450MHz Low-Power, Crystal-Based 10dBm ASK/FSK Transmitter
Rev 1; 6/09
MAX1472 MAXIM-MAX1472_09 Datasheet
223Kb / 9P
300MHz-to-450MHz Low-Power, Crystal-Based ASK Transmitter
Rev 2; 6/09
MAX7044 MAXIM-MAX7044_09 Datasheet
258Kb / 10P
300MHz to 450MHz High-Efficiency, Crystal-Based 13dBm ASK Transmitter
Rev 3; 6/09
MAX7057 MAXIM-MAX7057 Datasheet
204Kb / 19P
300MHz to 450MHz Frequency-Programmable ASK/FSK Transmitter
Rev 0; 5/08
MAX7044 MAXIM-MAX7044_11 Datasheet
151Kb / 10P
300MHz to 450MHz High-Efficiency, Crystal-Based 13dBm ASK Transmitter
Rev 4; 2/11
MAX1472 MAXIM-MAX1472_10 Datasheet
178Kb / 9P
300MHz-to-450MHz Low-Power, Crystal-Based ASK Transmitter
Rev 3; 10/10
MAX1472 MAXIM-MAX1472_12 Datasheet
170Kb / 9P
300MHz-to-450MHz Low-Power, Crystal-Based ASK Transmitter
Rev 4; 6/12
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com