Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX1472 Datasheet (PDF) - Maxim Integrated Products

MAX1472 Datasheet PDF - Maxim Integrated Products
Part # MAX1472
Download  MAX1472 Download
File Size   210.18 Kbytes
Page   9 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 300MHz-to-450MHz Low-Power, Crystal-Based ASK Transmitter

MAX1472 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX1472 Datasheet PDF - Maxim Integrated Products

Part # MAX1472
Download  MAX1472 Click to download

File Size   210.18 Kbytes
Page   9 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 300MHz-to-450MHz Low-Power, Crystal-Based ASK Transmitter

MAX1472 Datasheet (HTML) - Maxim Integrated Products


MAX1472 Product details

General Description
The MAX1472 is a crystal-referenced phase-locked loop (PLL) VHF/UHF transmitter designed to transmit OOK/ASK data in the 300MHz to 450MHz frequency range. The MAX1472 supports data rates up to 100kbps, and adjustable output power to more than +10dBm into a 50Ω load. The crystal-based architec ture of the MAX1472 eliminates many of the common problems with SAW transmitters by providing greater modulation depth, faster frequency settling, higher tolerance of the transmit frequency, and reduced temperature dependence. Combined, these improvements enable better overall receiver performance when using a superheterodyne receiver such as the MAX1470 or MAX1473.
The MAX1472 is available in a 3mm x 3mm 8-pin SOT23 package and is specified for the automotive (-40°C to +125°C) temperature range. An evaluation kit is available. Contact Maxim Integrated Products for more information.

Features
♦ 2.1V to 3.6V Single-Supply Operation
♦ Low 5.3mA Operating Supply Current*
♦ Supports ASK with 90dB Modulation Depth
♦ Output Power Adjustable to More than +10dBm
♦ Uses Small Low-Cost Crystal
♦ Small 3mm ✕ 3mm 8-Pin SOT23 Package
♦ Fast-On Oscillator 220µs Startup Time

Applications
   Remote Keyless Entry
   RF Remote Controls
   Tire Pressure Monitoring
   Security Systems
   Radio-Controlled Toys
   Wireless Game Consoles
   Wireless Computer Peripherals
   Wireless Sensors




Similar Part No. - MAX1472

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1472 MAXIM-MAX1472 Datasheet
239Kb / 9P
300MHz-to-450MHz Low-Power, Crystal-Based ASK Transmitter
Rev 1; 4/05
MAX1472 MAXIM-MAX1472 Datasheet
454Kb / 5P
Evaluation Kit
Rev 1; 11/03
MAX1472 MAXIM-MAX1472 Datasheet
223Kb / 9P
300MHz-to-450MHz Low-Power, Crystal-Based ASK Transmitter
Rev 2; 6/09
MAX1472 MAXIM-MAX1472 Datasheet
178Kb / 9P
300MHz-to-450MHz Low-Power, Crystal-Based ASK Transmitter
Rev 3; 10/10
MAX1472 MAXIM-MAX1472 Datasheet
458Kb / 5P
Multiple Test Points Provided On-Board
Rev 1; 11/03
More results


Similar Description - MAX1472

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1479 MAXIM-MAX1479 Datasheet
635Kb / 11P
300MHz to 450MHz Low-Power, Crystal-Based 10dBm ASK/FSK Transmitter
Rev 0; 8/04
MAX7044 MAXIM-MAX7044 Datasheet
301Kb / 9P
300MHz to 450MHz High-Efficiency, Crystal-Based 13dBm ASK Transmitter
Rev 0; 1/04
MAX1472 MAXIM-MAX1472_05 Datasheet
239Kb / 9P
300MHz-to-450MHz Low-Power, Crystal-Based ASK Transmitter
Rev 1; 4/05
MAX1479 MAXIM-MAX1479_09 Datasheet
270Kb / 10P
300MHz to 450MHz Low-Power, Crystal-Based 10dBm ASK/FSK Transmitter
Rev 1; 6/09
MAX1472 MAXIM-MAX1472_09 Datasheet
223Kb / 9P
300MHz-to-450MHz Low-Power, Crystal-Based ASK Transmitter
Rev 2; 6/09
MAX7044 MAXIM-MAX7044_09 Datasheet
258Kb / 10P
300MHz to 450MHz High-Efficiency, Crystal-Based 13dBm ASK Transmitter
Rev 3; 6/09
MAX7057 MAXIM-MAX7057 Datasheet
204Kb / 19P
300MHz to 450MHz Frequency-Programmable ASK/FSK Transmitter
Rev 0; 5/08
MAX7044 MAXIM-MAX7044_11 Datasheet
151Kb / 10P
300MHz to 450MHz High-Efficiency, Crystal-Based 13dBm ASK Transmitter
Rev 4; 2/11
MAX1472 MAXIM-MAX1472_10 Datasheet
178Kb / 9P
300MHz-to-450MHz Low-Power, Crystal-Based ASK Transmitter
Rev 3; 10/10
MAX1472 MAXIM-MAX1472_12 Datasheet
170Kb / 9P
300MHz-to-450MHz Low-Power, Crystal-Based ASK Transmitter
Rev 4; 6/12
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com