Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IS-1845ASRH Datasheet (PDF) - Intersil Corporation

IS-1845ASRH Datasheet PDF - Intersil Corporation
Part # IS-1845ASRH
Download  IS-1845ASRH Download
File Size   57.56 Kbytes
Page   2 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Single Event Radiation Hardened High Speed, Current Mode PWM

IS-1845ASRH Datasheet (PDF)

Go To PDF Page Download Datasheet
IS-1845ASRH Datasheet PDF - Intersil Corporation

Part # IS-1845ASRH
Download  IS-1845ASRH Click to download

File Size   57.56 Kbytes
Page   2 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Single Event Radiation Hardened High Speed, Current Mode PWM

IS-1845ASRH Datasheet (HTML) - Intersil Corporation


IS-1845ASRH Product details

The IS-1845ASRH, IS-1845ASEH are designed to be used in switching power supplies operating in currentmode. The rising edge of the on-chip oscillator turns on the output. Turn-off is controlled by the current sense comparator and occurs when the sensed current reaches a peak controlled by the error amplifier.
Constructed with Intersil’s Rad Hard Silicon Gate (RSG) dielectrically isolated BiCMOS process, these devices are immune to single event latch-up and have been specifically designed to provide a high level of immunity to single event transients. All specified parameters are guaranteed and tested for 300krad(Si) total dose performance at a high dose rate and 50krad(Si) total dose at a low dose rate.
Detailed Electrical Specifications for these devices are contained in the SMD 5962-01509. A “hot-link” is also provided on our website for downloading the SMD.

Features
• Electrically Screened to DSCC SMD # 5962-01509
• QML Qualified per MIL-PRF-38535 Requirements
• Radiation Environment
   - High Dose Rate. . . . . . . . . . . . . . . . . . . . .300 krad(SI) (Max)
   - Low Dose Rate . . . . . . . . . . . . . . . . . . . . . .50 krad(SI) (Max)
   - SEL Immune . . . . . . . . . . . . . . . . . . . . Dielectrically Isolated
   - SEU Immune. . . . . . . . . . . . . . . . . . . . . . . . 35MeV/mg/cm2
   - SEU Cross-Section at 89MeV/mg/cm2. . . . . . 5 x 10-6cm2
• Low Start-up Current . . . . . . . . . . . . . . . . . . . . . . . 100µA (Typ)
• Fast Propagation Delay . . . . . . . . . . . . . . . . . . . . . . . 80ns (Typ)
• Supply Voltage Range . . . . . . . . . . . . . . . . . . . . . . . 12V to 20V
• High Output Drive. . . . . . . . . . . . . . . . . . . . . . . . 1A (Peak, Typ)
• Undervoltage Lockout . . . . . 8.8V Start (Typ), 8.2V Stop (Typ)

Applications
• Current-Mode Switching Power Supplies
• Control of High Current FET Drivers
• Motor Speed and Direction Control

Package 8 LD CDIP2-T8 SBDIP
Package 18 LD FLATPACK




Similar Part No. - IS-1845ASRH

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
IS-1845ASRH INTERSIL-IS-1845ASRH Datasheet
202Kb / 3P
Single Event Radiation Hardened High Speed, Current Mode PWM
September 25, 2008
IS-1845ASRH INTERSIL-IS-1845ASRH Datasheet
151Kb / 3P
Single Event Radiation Hardened High Speed, Current Mode PWM
July 13, 2012
logo
Renesas Technology Corp
IS-1845ASRH RENESAS-IS-1845ASRH Datasheet
251Kb / 5P
Single Event Radiation Hardened High Speed, Current Mode PWM
Feb 16, 2022
logo
Intersil Corporation
IS-1845ASRH INTERSIL-IS-1845ASRH_08 Datasheet
202Kb / 3P
Single Event Radiation Hardened High Speed, Current Mode PWM
September 25, 2008
More results


Similar Description - IS-1845ASRH

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS-1825ARH INTERSIL-HS-1825ARH_05 Datasheet
131Kb / 2P
Radiation Hardened High-Speed, Dual Output PWM
June 21, 2005
IS-139ASRH INTERSIL-IS-139ASRH Datasheet
73Kb / 2P
Single Event Radiation Hardened Quad Voltage Comparator
June 18, 2008
HS-1825ARH INTERSIL-HS-1825ARH Datasheet
68Kb / 3P
Radiation Hardened High-Speed, Dual Output PWM
ISL78840ASRH INTERSIL-ISL78840ASRH Datasheet
653Kb / 11P
Radiation Hardened, High Performance IndustryStandard Single-Ended Current Mode PWM Controller
IS-1845ASRH INTERSIL-IS-1845ASRH_08 Datasheet
202Kb / 3P
Single Event Radiation Hardened High Speed, Current Mode PWM
September 25, 2008
HS-1825AEH INTERSIL-HS-1825AEH Datasheet
137Kb / 3P
Radiation Hardened High-Speed, Dual Output PWM
May 10, 2012
IS-139ASEH INTERSIL-IS-139ASEH Datasheet
150Kb / 2P
Single Event Radiation Hardened Quad Voltage Comparators
April 6, 2012
IS-1845ASEH INTERSIL-IS-1845ASEH Datasheet
151Kb / 3P
Single Event Radiation Hardened High Speed, Current Mode PWM
July 13, 2012
ISL78840ASEH INTERSIL-ISL78840ASEH Datasheet
810Kb / 15P
Radiation Hardened, High Performance Industry Standard Single-Ended Current Mode PWM Controller
May 29, 2012
logo
Renesas Technology Corp
ISL73847SEH RENESAS-ISL73847SEH Datasheet
1Mb / 43P
Radiation Hardened Single/Dual Phase Current Mode PWM Controller
Feb 15, 2023
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com