Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IS-1845ASRH Datasheet (PDF) - Renesas Technology Corp

IS-1845ASRH Datasheet PDF - Renesas Technology Corp
Part # IS-1845ASRH
Download  IS-1845ASRH Download
File Size   251.73 Kbytes
Page   5 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Single Event Radiation Hardened High Speed, Current Mode PWM

IS-1845ASRH Datasheet (PDF)

Go To PDF Page Download Datasheet
IS-1845ASRH Datasheet PDF - Renesas Technology Corp

Part # IS-1845ASRH
Download  IS-1845ASRH Click to download

File Size   251.73 Kbytes
Page   5 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Single Event Radiation Hardened High Speed, Current Mode PWM

IS-1845ASRH Datasheet (HTML) - Renesas Technology Corp


IS-1845ASRH Product details

Features
• Electrically Screened to DSCC SMD # 5962-01509
• QML Qualified per MIL-PRF-38535 Requirements
• Radiation acceptance testing - IS-1845ASRH
- High Dose Rate . . . . . . . . . . . . . . . . . . . . 300krad(SI) (Max)
• Radiation acceptance testing - IS-1845ASEH
- High Dose Rate . . . . . . . . . . . . . . . . . . . . 300krad(SI) (Max)
- Low Dose Rate . . . . . . . . . . . . . . . . . . . . . . 50krad(SI) (Max)
• SEE hardness (see SEE report for details)
- SEL Immune . . . . . . . . . . . . . . . . . . . . Dielectrically Isolated
- SEU Immune. . . . . . . . . . . . . . . . . . . . . . . . 35MeV/mg/cm2
- SEU Cross-Section at 89MeV/mg/cm2. . . . . . . 5x10-6cm2
• Low Start-up Current . . . . . . . . . . . . . . . . . . . . . . . 100μA (Typ)
• Fast Propagation Delay. . . . . . . . . . . . . . . . . . . . . . .80ns (Typ)
• Supply Voltage Range . . . . . . . . . . . . . . . . . . . . . . . 12V to 20V
• High Output Drive. . . . . . . . . . . . . . . . . . . . . . . . 1A (Peak, Typ)
• Undervoltage Lockout . . . . . 8.8V Start (Typ), 8.2V Stop (Typ)




Similar Part No. - IS-1845ASRH

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
IS-1845ASRH INTERSIL-IS-1845ASRH Datasheet
57Kb / 2P
Single Event Radiation Hardened High Speed, Current Mode PWM
October 2003
IS-1845ASRH INTERSIL-IS-1845ASRH Datasheet
202Kb / 3P
Single Event Radiation Hardened High Speed, Current Mode PWM
September 25, 2008
IS-1845ASRH INTERSIL-IS-1845ASRH Datasheet
151Kb / 3P
Single Event Radiation Hardened High Speed, Current Mode PWM
July 13, 2012
IS-1845ASRH INTERSIL-IS-1845ASRH_08 Datasheet
202Kb / 3P
Single Event Radiation Hardened High Speed, Current Mode PWM
September 25, 2008
More results


Similar Description - IS-1845ASRH

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
IS-1845ASRH INTERSIL-IS-1845ASRH Datasheet
57Kb / 2P
Single Event Radiation Hardened High Speed, Current Mode PWM
October 2003
HS-1825ARH INTERSIL-HS-1825ARH_05 Datasheet
131Kb / 2P
Radiation Hardened High-Speed, Dual Output PWM
June 21, 2005
IS-139ASRH INTERSIL-IS-139ASRH Datasheet
73Kb / 2P
Single Event Radiation Hardened Quad Voltage Comparator
June 18, 2008
HS-1825ARH INTERSIL-HS-1825ARH Datasheet
68Kb / 3P
Radiation Hardened High-Speed, Dual Output PWM
ISL78840ASRH INTERSIL-ISL78840ASRH Datasheet
653Kb / 11P
Radiation Hardened, High Performance IndustryStandard Single-Ended Current Mode PWM Controller
IS-1845ASRH INTERSIL-IS-1845ASRH_08 Datasheet
202Kb / 3P
Single Event Radiation Hardened High Speed, Current Mode PWM
September 25, 2008
HS-1825AEH INTERSIL-HS-1825AEH Datasheet
137Kb / 3P
Radiation Hardened High-Speed, Dual Output PWM
May 10, 2012
IS-139ASEH INTERSIL-IS-139ASEH Datasheet
150Kb / 2P
Single Event Radiation Hardened Quad Voltage Comparators
April 6, 2012
IS-1845ASEH INTERSIL-IS-1845ASEH Datasheet
151Kb / 3P
Single Event Radiation Hardened High Speed, Current Mode PWM
July 13, 2012
logo
Renesas Technology Corp
ISL73847SEH RENESAS-ISL73847SEH Datasheet
1Mb / 43P
Radiation Hardened Single/Dual Phase Current Mode PWM Controller
Feb 15, 2023
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com