Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL6566ACRZ Datasheet (PDF) - Intersil Corporation

ISL6566ACRZ Datasheet PDF - Intersil Corporation
Part # ISL6566ACRZ
Download  ISL6566ACRZ Download
File Size   784.35 Kbytes
Page   28 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Three-Phase Buck PWM Controller with Two Integrated MOSFET Drivers and One External Driver Signal

ISL6566ACRZ Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL6566ACRZ Datasheet PDF - Intersil Corporation

Part # ISL6566ACRZ
Download  ISL6566ACRZ Click to download

File Size   784.35 Kbytes
Page   28 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Three-Phase Buck PWM Controller with Two Integrated MOSFET Drivers and One External Driver Signal

ISL6566ACRZ Datasheet (HTML) - Intersil Corporation


ISL6566ACRZ Product details

Three-Phase Buck PWM Controller with Two Integrated MOSFET Drivers and One External Driver Signal

The ISL6566A three-phase PWM control IC provides a precision voltage regulation system for advanced microprocessors. The integration of power MOSFET drivers into the controller IC marks a departure from the separate PWM controller and driver configuration of previous multi phase product families. By reducing the number of external parts, this integration is optimized for a cost and space saving power management solution.



Features

• Integrated Multi-Phase Power Conversion

- 1 or 2-Phase Operation with Internal Drivers

- 3-Phase Operation with External PWM Driver Signal

• Precision Core Voltage Regulation

- Differential Remote Voltage Sensing

- ±0.5% System Accuracy Over Temperature

- Adjustable Reference-Voltage Offset

• Precision Channel Current Sharing

- Uses Loss-Less rDS(ON) Current Sampling

• Accurate Load Line Programming

- Uses Loss-Less Inductor DCR Current Sampling

• Variable Gate Drive Bias: 5V to 12V

• Microprocessor Voltage Identification Inputs

- Up to a 6-Bit DAC

- Selectable between Intel’s VRM9, VRM10, or AMD Hammer DAC codes

- Dynamic VID-on-the-fly Technology

• Multi-tiered Overvoltage and Overcurrent Protection

• Digital Soft-Start

• Selectable Operation Frequency up to 1.5MHz Per Phase

• Pb-Free Plus Anneal Available (RoHS Compliant)




Similar Part No. - ISL6566ACRZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6566ACRZ RENESAS-ISL6566ACRZ Datasheet
1Mb / 29P
Three-Phase Buck PWM Controller with Two Integrated MOSFET Drivers and One External Driver Signal
ISL6566ACRZA RENESAS-ISL6566ACRZA Datasheet
1Mb / 29P
Three-Phase Buck PWM Controller with Two Integrated MOSFET Drivers and One External Driver Signal
More results


Similar Description - ISL6566ACRZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6315 INTERSIL-ISL6315 Datasheet
519Kb / 20P
Two-Phase Multiphase Buck PWM Controller with Integrated MOSFET Drivers
February 10, 2006
ISL6315 INTERSIL-ISL6315_07 Datasheet
392Kb / 20P
Two-Phase Multiphase Buck PWM Controller with Integrated MOSFET Drivers
logo
Anpec Electronics Corop...
APW7088 ANPEC-APW7088 Datasheet
584Kb / 25P
Two-Phase Buck PWM Controller with Integrated MOSFET Drivers
APW7098 ANPEC-APW7098 Datasheet
657Kb / 30P
Two- Phase Buck PWM Controller with Integrated MOSFET Drivers
logo
Intersil Corporation
ISL6563 INTERSIL-ISL6563 Datasheet
516Kb / 19P
Two-Phase Multiphase Buck PWM Controller with Integrated MOSFET Drivers
ISL8101 INTERSIL-ISL8101 Datasheet
404Kb / 20P
Two-Phase Multiphase Buck PWM Controller with Integrated MOSFET Drivers
July 28, 2008
logo
Anpec Electronics Corop...
APW7098 ANPEC-APW7098_11 Datasheet
655Kb / 30P
Two- Phase Buck PWM Controller with Integrated MOSFET Drivers
logo
Renesas Technology Corp
ISL6315 RENESAS-ISL6315 Datasheet
907Kb / 20P
Two-Phase Multiphase Buck PWM Controller with Integrated MOSFET Drivers
ISL6567 RENESAS-ISL6567 Datasheet
1Mb / 26P
Multipurpose Two-Phase Buck PWM Controller with Integrated MOSFET Drivers
ISL6566A RENESAS-ISL6566A Datasheet
1Mb / 29P
Three-Phase Buck PWM Controller with Two Integrated MOSFET Drivers and One External Driver Signal
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com