Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X3100 Datasheet (PDF) - Intersil Corporation

X3100 Datasheet PDF - Intersil Corporation
Part # X3100
Download  X3100 Download
File Size   605.16 Kbytes
Page   40 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 3 or 4 Cell Li-Ion Battery Protection and Monitor IC

X3100 Datasheet (PDF)

Go To PDF Page Download Datasheet
X3100 Datasheet PDF - Intersil Corporation

Part # X3100
Download  X3100 Click to download

File Size   605.16 Kbytes
Page   40 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 3 or 4 Cell Li-Ion Battery Protection and Monitor IC

X3100 Datasheet (HTML) - Intersil Corporation


X3100 Product details

3 or 4 Cell Li-Ion Battery Protection and Monitor IC



The X3100 is a protection and monitor IC for use in battery packs consisting of 4 series Lithium-Ion battery cells. The X3101 is designed to work in 3-cell applications. Both devices provide internal over-charge,over-discharge, and over current protection circuitry,internal EEPROM memory, an internal voltage regulator, and internal drive circuitry for external FET devices that control cell charge, discharge, and cell voltage balancing.



Features

• Software Selectable Protection Levels and Variable Protect Detection/Release Times

• Integrated FET Drive Circuitry

• Cell Voltage and Current Monitoring

• 0.5% Accurate Voltage Regulator

• Integrated 4k-bit EEPROM

• Flexible Power Management with 1µA Sleep Mode

• Cell Balancing Control

• Pb-Free Available (RoHS Compliant)



Benefit

• Optimize protection for chosen cells to allow maximum use of pack capacity

• Reduce component count and cost

• Simplify implementation of gas gauge

• Accurate voltage and current measurements

• Record battery history to optimize gas gauge, track pack failures and monitor system use

• Reduce power to extend battery life

• Increase battery capacity and improve cycle life battery life




Similar Part No. - X3100

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X3100 XICOR-X3100 Datasheet
249Kb / 40P
3 or 4 Cell Li-Ion Battery Protection and Monitor IC
logo
Intersil Corporation
X3100 INTERSIL-X3100 Datasheet
562Kb / 41P
3 or 4 Cell Li-ion Battery Protection and Monitor IC
January 3, 2008
logo
Renesas Technology Corp
X3100 RENESAS-X3100 Datasheet
1Mb / 40P
3 or 4 Cell Li-ion Battery Protection and Monitor IC
logo
Intersil Corporation
X3100 INTERSIL-X3100 Datasheet
563Kb / 41P
3 or 4 Cell Li-ion Battery Protection and Monitor IC
January 3, 2008
X3100-01 INTERSIL-X3100-01 Datasheet
563Kb / 41P
3 or 4 Cell Li-ion Battery Protection and Monitor IC
January 3, 2008
More results


Similar Description - X3100

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X3100 XICOR-X3100 Datasheet
249Kb / 40P
3 or 4 Cell Li-Ion Battery Protection and Monitor IC
logo
Intersil Corporation
X3102 INTERSIL-X3102 Datasheet
579Kb / 32P
3 Cell Li-Ion Battery Protection and Monitor IC
December 22, 2004
logo
Advanced Analog Technol...
AAT8635 AAT-AAT8635 Datasheet
168Kb / 17P
ONE-CELL LI-ION BATTERY PROTECTION IC
V 2.0
AAT8661 AAT-AAT8661 Datasheet
567Kb / 25P
ONE-CELL LI-ION BATTERY PROTECTION IC
V2.0
logo
Intersil Corporation
X3100 INTERSIL-X3100_08 Datasheet
562Kb / 41P
3 or 4 Cell Li-ion Battery Protection and Monitor IC
January 3, 2008
logo
Advanced Analog Technol...
AAT8660 AAT-AAT8660 Datasheet
555Kb / 25P
ONE-CELL LI-ION BATTERY PROTECTION IC
V2.0
logo
Intersil Corporation
X3100-01 INTERSIL-X3100-01 Datasheet
563Kb / 41P
3 or 4 Cell Li-ion Battery Protection and Monitor IC
January 3, 2008
logo
Renesas Technology Corp
X3100 RENESAS-X3100 Datasheet
1Mb / 40P
3 or 4 Cell Li-ion Battery Protection and Monitor IC
logo
Shenzhen Huazhimei Semi...
HM5434 HMSEMI-HM5434 Datasheet
1Mb / 11P
One Cell Li-ion and Li-poly Battery Protection IC
logo
Renesas Technology Corp
X3102 RENESAS-X3102 Datasheet
1Mb / 32P
3 Cell Li-Ion Battery Protection and Monitor IC
December 22, 2004
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com