Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X3102 Datasheet (PDF) - Renesas Technology Corp

X3102 Datasheet PDF - Renesas Technology Corp
Part # X3102
Download  X3102 Download
File Size   1245.67 Kbytes
Page   32 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 3 Cell Li-Ion Battery Protection and Monitor IC

X3102 Datasheet (PDF)

Go To PDF Page Download Datasheet
X3102 Datasheet PDF - Renesas Technology Corp

Part # X3102
Download  X3102 Click to download

File Size   1245.67 Kbytes
Page   32 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 3 Cell Li-Ion Battery Protection and Monitor IC

X3102 Datasheet (HTML) - Renesas Technology Corp


X3102 Product details

Features
• Software Selectable Protection Levels and Variable
Protect Detection/Release Times
• Integrated FET Drive Circuitry
• Cell Voltage and Current Monitoring
• 0.5% Accurate Voltage Regulator
• Integrated 4kbit EEPROM
• Flexible Power Management with 1μA Sleep Mode
• Cell Balancing Control
Benefit
• Optimize protection for chosen cells to allow
maximum use of pack capacity.
• Reduce component count and cost
• Simplify implementation of gas gauge
• Accurate voltage and current measurements
• Record battery history to optimize gas gauge, track pack
failures and monitor system use
• Reduce power to extend battery life
• Increase battery capacity and improve cycle life battery life




Similar Part No. - X3102

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X3102 INTERSIL-X3102 Datasheet
579Kb / 32P
3 Cell Li-Ion Battery Protection and Monitor IC
December 22, 2004
X3102V28 INTERSIL-X3102V28 Datasheet
579Kb / 32P
3 Cell Li-Ion Battery Protection and Monitor IC
December 22, 2004
More results


Similar Description - X3102

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X3100 XICOR-X3100 Datasheet
249Kb / 40P
3 or 4 Cell Li-Ion Battery Protection and Monitor IC
logo
Intersil Corporation
X3100 INTERSIL-X3100 Datasheet
605Kb / 40P
3 or 4 Cell Li-Ion Battery Protection and Monitor IC
April 11, 2005
X3102 INTERSIL-X3102 Datasheet
579Kb / 32P
3 Cell Li-Ion Battery Protection and Monitor IC
December 22, 2004
logo
Advanced Analog Technol...
AAT8635 AAT-AAT8635 Datasheet
168Kb / 17P
ONE-CELL LI-ION BATTERY PROTECTION IC
V 2.0
AAT8661 AAT-AAT8661 Datasheet
567Kb / 25P
ONE-CELL LI-ION BATTERY PROTECTION IC
V2.0
logo
Intersil Corporation
X3100 INTERSIL-X3100_08 Datasheet
562Kb / 41P
3 or 4 Cell Li-ion Battery Protection and Monitor IC
January 3, 2008
logo
Advanced Analog Technol...
AAT8660 AAT-AAT8660 Datasheet
555Kb / 25P
ONE-CELL LI-ION BATTERY PROTECTION IC
V2.0
logo
Intersil Corporation
X3100-01 INTERSIL-X3100-01 Datasheet
563Kb / 41P
3 or 4 Cell Li-ion Battery Protection and Monitor IC
January 3, 2008
logo
Renesas Technology Corp
X3100 RENESAS-X3100 Datasheet
1Mb / 40P
3 or 4 Cell Li-ion Battery Protection and Monitor IC
logo
Shenzhen Huazhimei Semi...
HM5434 HMSEMI-HM5434 Datasheet
1Mb / 11P
One Cell Li-ion and Li-poly Battery Protection IC
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com