Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X5043 Datasheet (PDF) - Intersil Corporation

X5043 Datasheet PDF - Intersil Corporation
Part # X5043
Download  X5043 Download
File Size   404.19 Kbytes
Page   21 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description CPU Supervisor with 4K SPI EEPROM

X5043 Datasheet (PDF)

Go To PDF Page Download Datasheet
X5043 Datasheet PDF - Intersil Corporation

Part # X5043
Download  X5043 Click to download

File Size   404.19 Kbytes
Page   21 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description CPU Supervisor with 4K SPI EEPROM

X5043 Datasheet (HTML) - Intersil Corporation


X5043 Product details

CPU Supervisor with 4K SPI EEPROM



These devices combine four popular functions, Power-on Reset Control, Watchdog Timer, Supply Voltage Supervision, and Block Lock Protect Serial EEPROM Memory in one package. This combination lowers system cost, reduces board space requirements, and increases reliability.



Features

•Low VCCDetection and Reset Assertion

- Four standard reset threshold voltages 4.63V, 4.38V, 2.93V, 2.63V

- Re-program low VCCreset threshold voltage using special programming sequence.

- Reset signal valid to VCC= 1V

• Selectable Time Out Watchdog Timer

• Long Battery Life with Low Power Consumption

- <50µA max standby current, watchdog on

- <10µA max standby current, watchdog off

• 4Kbits of EEPROM–1M Write Cycle Endurance

• Save Critical Data with Block Lock™Memory

- Protect 1/4, 1/2, all or none of EEPROM array

• Built-in Inadvertent Write Protection

- Write enable latch

- Write protect pin

• SPI Interface - 3.3MHz Clock Rate

• Minimize Programming Time

- 16-byte page write mode

- 5ms write cycle time (typical)

• Available Packages

- 8 Ld MSOP, 8 Ld SOIC, 8 Ld PDIP

- 14 Ld TSSOP

• Pb-Free Plus Anneal Available (RoHS Compliant)



Applications

• Communications Equipment

- Routers, Hubs, Switches

- Set Top Boxes

• Industrial Systems

- Process Control

- Intelligent Instrumentation

• Computer Systems

- Desktop Computers

- Network Servers

• Battery Powered Equipment




Similar Part No. - X5043

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X5043 XICOR-X5043 Datasheet
108Kb / 20P
CPU Supervisor with 4K SPI EEPROM
logo
Intersil Corporation
X5043 INTERSIL-X5043 Datasheet
402Kb / 21P
CPU Supervisor with 4K SPI EEPROM
March 16, 2006
X5043 INTERSIL-X5043 Datasheet
409Kb / 21P
CPU Supervisor with 4K SPI EEPROM
X5043 INTERSIL-X5043 Datasheet
409Kb / 21P
CPU Supervisor with 4K SPI EEPROM
March 16, 2006
logo
Renesas Technology Corp
X5043 RENESAS-X5043 Datasheet
844Kb / 21P
4K, 512 x 8 Bit CPU Supervisor with 4K SPI EEPROM
More results


Similar Description - X5043

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X5043 XICOR-X5043 Datasheet
108Kb / 20P
CPU Supervisor with 4K SPI EEPROM
logo
Intersil Corporation
X5043 INTERSIL-X5043_06 Datasheet
402Kb / 21P
CPU Supervisor with 4K SPI EEPROM
March 16, 2006
X5083 INTERSIL-X5083_06 Datasheet
320Kb / 21P
CPU Supervisor with 8Kbit SPI EEPROM
June 15, 2006
X5168 INTERSIL-X5168_06 Datasheet
343Kb / 20P
CPU Supervisor with 16Kbit SPI EEPROM
X5043S8ZT1 INTERSIL-X5043S8ZT1 Datasheet
409Kb / 21P
CPU Supervisor with 4K SPI EEPROM
March 16, 2006
X5045S8IZ-4.5A INTERSIL-X5045S8IZ-4.5A Datasheet
409Kb / 21P
CPU Supervisor with 4K SPI EEPROM
X5045S8ZT1 INTERSIL-X5045S8ZT1 Datasheet
409Kb / 21P
CPU Supervisor with 4K SPI EEPROM
X5043S8IZT1 INTERSIL-X5043S8IZT1 Datasheet
409Kb / 21P
CPU Supervisor with 4K SPI EEPROM
March 16, 2006
X5043S8IZ INTERSIL-X5043S8IZ Datasheet
399Kb / 21P
CPU Supervisor with 4K SPI EEPROM
September 23, 2015
logo
Renesas Technology Corp
X5043 RENESAS-X5043 Datasheet
844Kb / 21P
4K, 512 x 8 Bit CPU Supervisor with 4K SPI EEPROM
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com