Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X5043 Datasheet (PDF) - Xicor Inc.

X5043 Datasheet PDF - Xicor Inc.
Part # X5043
Download  X5043 Download
File Size   108.75 Kbytes
Page   20 Pages
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.
Description CPU Supervisor with 4K SPI EEPROM

X5043 Datasheet (PDF)

Go To PDF Page Download Datasheet
X5043 Datasheet PDF - Xicor Inc.

Part # X5043
Download  X5043 Click to download

File Size   108.75 Kbytes
Page   20 Pages
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.
Description CPU Supervisor with 4K SPI EEPROM

X5043 Datasheet (HTML) - Xicor Inc.


X5043 Product details

DESCRIPTION

These devices combine four popular functions, Power on Reset Control, Watchdog Timer, Supply Voltage

Supervision, and Block Lock Protect Serial EEPROM Memory in one package. This combination lowers

system cost, reduces board space requirements, and increases reliability.



FEATURES

• Selectable time out watchdog timer

•Low VCCdetection and reset assertion

—Five standard reset threshold voltages

—Re-program low VCCreset threshold voltage using special programming sequence.

—Reset signal valid to VCC= 1V

• Long battery life with low power consumption

—<50µA max standby current, watchdog on

—<10µA max standby current, watchdog off

—<2mA max active current during read

• 2.7V to 5.5V and 4.5V to 5.5V power supply versions

• 4Kbits of EEPROM–1M write cycle endurance

• Save critical data with Block Lock™ memory

—Protect 1/4, 1/2, all or none of EEPROM array

• Built-in inadvertent write protection

—Write enable latch

—Write protect pin

• 3.3MHz clock rate

• Minimize programming time

—16-byte page write mode

—Self-timed write cycle

—5ms write cycle time (typical)

• SPI modes (0,0 & 1,1)

• Available packages

—8-lead MSOP, 8-lead SOIC, 8-pin PDIP

—14-lead TSSOP




Similar Part No. - X5043

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X5043 INTERSIL-X5043 Datasheet
404Kb / 21P
CPU Supervisor with 4K SPI EEPROM
September 16, 2005
X5043 INTERSIL-X5043 Datasheet
402Kb / 21P
CPU Supervisor with 4K SPI EEPROM
March 16, 2006
X5043 INTERSIL-X5043 Datasheet
409Kb / 21P
CPU Supervisor with 4K SPI EEPROM
X5043 INTERSIL-X5043 Datasheet
409Kb / 21P
CPU Supervisor with 4K SPI EEPROM
March 16, 2006
logo
Renesas Technology Corp
X5043 RENESAS-X5043 Datasheet
844Kb / 21P
4K, 512 x 8 Bit CPU Supervisor with 4K SPI EEPROM
More results


Similar Description - X5043

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X5043 INTERSIL-X5043 Datasheet
404Kb / 21P
CPU Supervisor with 4K SPI EEPROM
September 16, 2005
X5043 INTERSIL-X5043_06 Datasheet
402Kb / 21P
CPU Supervisor with 4K SPI EEPROM
March 16, 2006
X5083 INTERSIL-X5083_06 Datasheet
320Kb / 21P
CPU Supervisor with 8Kbit SPI EEPROM
June 15, 2006
X5168 INTERSIL-X5168_06 Datasheet
343Kb / 20P
CPU Supervisor with 16Kbit SPI EEPROM
X5043S8ZT1 INTERSIL-X5043S8ZT1 Datasheet
409Kb / 21P
CPU Supervisor with 4K SPI EEPROM
March 16, 2006
X5045S8IZ-4.5A INTERSIL-X5045S8IZ-4.5A Datasheet
409Kb / 21P
CPU Supervisor with 4K SPI EEPROM
X5045S8ZT1 INTERSIL-X5045S8ZT1 Datasheet
409Kb / 21P
CPU Supervisor with 4K SPI EEPROM
X5043S8IZT1 INTERSIL-X5043S8IZT1 Datasheet
409Kb / 21P
CPU Supervisor with 4K SPI EEPROM
March 16, 2006
X5043S8IZ INTERSIL-X5043S8IZ Datasheet
399Kb / 21P
CPU Supervisor with 4K SPI EEPROM
September 23, 2015
logo
Renesas Technology Corp
X5043 RENESAS-X5043 Datasheet
844Kb / 21P
4K, 512 x 8 Bit CPU Supervisor with 4K SPI EEPROM
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com