Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CCF60 Datasheet (PDF) - Vishay Siliconix

CCF60 Datasheet PDF - Vishay Siliconix
Part # CCF60
Download  CCF60 Download
File Size   161.44 Kbytes
Page   2 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Metal Film Resistors, Industrial, 1% Tolerance

CCF60 Datasheet (PDF)

Go To PDF Page Download Datasheet
CCF60 Datasheet PDF - Vishay Siliconix

Part # CCF60
Download  CCF60 Click to download

File Size   161.44 Kbytes
Page   2 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Metal Film Resistors, Industrial, 1% Tolerance

CCF60 Datasheet (HTML) - Vishay Siliconix




Similar Part No. - CCF60

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CCF60 VISHAY-CCF60 Datasheet
82Kb / 3P
Metal Film Resistors, Industrial, ± 1 % Tolerance
29-Oct-12
CCF60301RFKE36 VISHAY-CCF60301RFKE36 Datasheet
82Kb / 3P
Metal Film Resistors, Industrial, ± 1 % Tolerance
29-Oct-12
CCF60301RFKR36 VISHAY-CCF60301RFKR36 Datasheet
82Kb / 3P
Metal Film Resistors, Industrial, ± 1 % Tolerance
29-Oct-12
CCF60 VISHAY-CCF60_15 Datasheet
77Kb / 3P
Thick Film Chip Dividers, High Voltage
21-Apr-15
CCF60 VISHAY-CCF60_V01 Datasheet
82Kb / 3P
Metal Film Resistors, Industrial, ± 1 % Tolerance
29-Oct-12
More results


Similar Description - CCF60

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CCF50 VISHAY-CCF50 Datasheet
99Kb / 2P
Metal Film Resistors, Industrial, 1%, 5% Tolerance
19-Aug-04
logo
Vaishali Semiconductor
CCF07 VAISH-CCF07 Datasheet
233Kb / 3P
Metal Film Resistors, Industrial, 짹 2 % and 짹 5 % Tolerance
logo
Vishay Siliconix
CMF20120R00JNR6 VISHAY-CMF20120R00JNR6 Datasheet
172Kb / 5P
Metal Film Resistors, Industrial, Precision
02-May-13
CMF55301R00FKRE70 VISHAY-CMF55301R00FKRE70 Datasheet
167Kb / 5P
Metal Film Resistors, Industrial, Precision
09-Sep-13
logo
Bourns Electronic Solut...
CM201212-22NKL BOURNS-CM201212-22NKL Datasheet
167Kb / 5P
Metal Film Resistors, Industrial, Precision
CMF65221K00FKEB BOURNS-CMF65221K00FKEB Datasheet
167Kb / 5P
Metal Film Resistors, Industrial, Precision
logo
Vishay Siliconix
FP000520K0J9500LB VISHAY-FP000520K0J9500LB Datasheet
241Kb / 5P
Metal Film Resistors, Industrial, Flameproof
01-Feb-13
CCF50 VISHAY-CCF50_15 Datasheet
124Kb / 3P
Metal Film Resistors, Industrial, ± 1 % and ± 5 % Tolerance
15-Nov-12
CCF55 VISHAY-CCF55_15 Datasheet
75Kb / 3P
Metal Film Resistors, Industrial, ± 1 % Tolerance
23-Jul-14
CMFINDUSTRIAL VISHAY-CMFINDUSTRIAL Datasheet
159Kb / 5P
Metal Film Resistors, Industrial, Precision
24-Apr-14
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com