Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STX2000 Datasheet (PDF) - Kycon, Inc.

STX2000 Datasheet PDF - Kycon, Inc.
Part # STX2000
Download  STX2000 Download
File Size   396.73 Kbytes
Page   1 Pages
Manufacturer  KYCON [Kycon, Inc.]
Direct Link  http://www.kycon.com/
Logo KYCON - Kycon, Inc.
Description 2.5mm Audio Jack

STX2000 Datasheet (PDF)

Go To PDF Page Download Datasheet
STX2000 Datasheet PDF - Kycon, Inc.

Part # STX2000
Download  STX2000 Click to download

File Size   396.73 Kbytes
Page   1 Pages
Manufacturer  KYCON [Kycon, Inc.]
Direct Link  http://www.kycon.com/
Logo KYCON - Kycon, Inc.
Description 2.5mm Audio Jack

STX2000 Datasheet (HTML) - Kycon, Inc.




Similar Part No. - STX2000

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STX23NM60ND STMICROELECTRONICS-STX23NM60ND_10 Datasheet
820Kb / 18P
N-channel 600 V, 0.150 Ω, 19.5 A, FDmesh??II Power MOSFET (with fast diode) D²PAK, I²PAK, TO-220, TO-220FP, TO-247
06-Oct-2010
logo
Kycon, Inc.
STX2500 KYCON-STX2500 Datasheet
378Kb / 1P
Surface Mount 2.5mm Audio Jack
STX25406 KYCON-STX25406 Datasheet
628Kb / 1P
Surface Mount 2.5mm Audio Jack
STX25427 KYCON-STX25427 Datasheet
551Kb / 1P
Surface Mount 2.5mm Audio Jack
STX2550 KYCON-STX2550 Datasheet
511Kb / 1P
Surface Mount 2.5mm Audio Jack
More results


Similar Description - STX2000

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MJ-2505 ETC1-MJ-2505 Datasheet
43Kb / 1P
2.5mm AUDIO JACK-MONO
logo
CUI INC
SJ-2504N CUI-SJ-2504N Datasheet
261Kb / 1P
2.5mm AUDIO JACK-STEREO
MJ-2506 CUI-MJ-2506 Datasheet
26Kb / 1P
2.5mm AUDIO JACK-MONO
MJ1-2502 CUI-MJ1-2502 Datasheet
44Kb / 2P
2.5mm AUDIO JACK-MONO
MJ-2506N CUI-MJ-2506N Datasheet
22Kb / 1P
2.5mm AUDIO JACK-MONO
MJ-2502 CUI-MJ-2502 Datasheet
32Kb / 1P
2.5mm AUDIO JACK-MONO
MJ-2505 CUI-MJ-2505 Datasheet
25Kb / 1P
2.5mm AUDIO JACK - MONO
SJ-2509N CUI-SJ-2509N Datasheet
22Kb / 1P
2.5mm AUDIO JACK-STEREO
MJ-2507 CUI-MJ-2507 Datasheet
65Kb / 1P
2.5mm AUDIO JACK-MONO
SJ-2503A CUI-SJ-2503A Datasheet
62Kb / 1P
2.5mm AUDIO Jack-STEREO
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com