Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STX2550 Datasheet (PDF) - Kycon, Inc.

STX2550 Datasheet PDF - Kycon, Inc.
Part # STX2550
Download  STX2550 Download
File Size   511.67 Kbytes
Page   1 Pages
Manufacturer  KYCON [Kycon, Inc.]
Direct Link  http://www.kycon.com/
Logo KYCON - Kycon, Inc.
Description Surface Mount 2.5mm Audio Jack

STX2550 Datasheet (PDF)

Go To PDF Page Download Datasheet
STX2550 Datasheet PDF - Kycon, Inc.

Part # STX2550
Download  STX2550 Click to download

File Size   511.67 Kbytes
Page   1 Pages
Manufacturer  KYCON [Kycon, Inc.]
Direct Link  http://www.kycon.com/
Logo KYCON - Kycon, Inc.
Description Surface Mount 2.5mm Audio Jack

STX2550 Datasheet (HTML) - Kycon, Inc.




Similar Part No. - STX2550

ManufacturerPart #DatasheetDescription
logo
Kycon, Inc.
STX2500 KYCON-STX2500 Datasheet
378Kb / 1P
Surface Mount 2.5mm Audio Jack
STX25406 KYCON-STX25406 Datasheet
628Kb / 1P
Surface Mount 2.5mm Audio Jack
STX25427 KYCON-STX25427 Datasheet
551Kb / 1P
Surface Mount 2.5mm Audio Jack
logo
STMicroelectronics
STX25NM50N STMICROELECTRONICS-STX25NM50N Datasheet
616Kb / 18P
N-channel 500 V, 0.11 Ω, 22 A MDmesh??II Power MOSFET TO-220, TO-220FP, I2PAK, D2PAK, TO-247
17-Nov-2008
STX25NM60ND STMICROELECTRONICS-STX25NM60ND Datasheet
600Kb / 18P
N-channel 600 V, 0.13 Ω, 21 A FDmesh??II Power MOSFET D2PAK, I2PAK, TO-220FP, TO-220, TO-247
03-Mar-2009
More results


Similar Description - STX2550

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MJ-2505 ETC1-MJ-2505 Datasheet
43Kb / 1P
2.5mm AUDIO JACK-MONO
logo
CUI INC
MJ-2523-SMT CUI-MJ-2523-SMT Datasheet
287Kb / 1P
2.5mm SURFACE MOUNT AUDIO JACK-MONO
MJ1-2502 CUI-MJ1-2502 Datasheet
44Kb / 2P
2.5mm AUDIO JACK-MONO
PJ-036B-SMT CUI-PJ-036B-SMT Datasheet
514Kb / 1P
2.5mm SURFACE MOUNT POWER JACK
PJ-037B-SMT CUI-PJ-037B-SMT Datasheet
74Kb / 1P
2.5mm SURFACE MOUNT POWER JACK
PJ-002B-SMT CUI-PJ-002B-SMT Datasheet
264Kb / 1P
2.5mm SURFACE MOUNT POWER JACK
logo
Kycon, Inc.
STX2000 KYCON-STX2000 Datasheet
396Kb / 1P
2.5mm Audio Jack
STX2500 KYCON-STX2500 Datasheet
378Kb / 1P
Surface Mount 2.5mm Audio Jack
STX25427 KYCON-STX25427 Datasheet
551Kb / 1P
Surface Mount 2.5mm Audio Jack
STX25406 KYCON-STX25406 Datasheet
628Kb / 1P
Surface Mount 2.5mm Audio Jack
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com