Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7877 Datasheet (PDF) - Analog Devices

AD7877 Datasheet PDF - Analog Devices
Part # AD7877
Download  AD7877 Download
File Size   1002.79 Kbytes
Page   44 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Touch Screen Controller

AD7877 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD7877 Datasheet PDF - Analog Devices

Part # AD7877
Download  AD7877 Click to download

File Size   1002.79 Kbytes
Page   44 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Touch Screen Controller

AD7877 Datasheet (HTML) - Analog Devices


AD7877 Product details

GENERAL DESCRIPTION
The AD7877 is a 12-bit, successive approximation ADC with a synchronous serial interface and low on resistance switches for driving touch screens. The AD7877 operates from a single 2.7 V to 5.25 V power supply (functional operation to 2.2 V), and features throughput rates of 125 kSPS. The AD7877 features direct battery measurement on two inputs, temperature and touch-pressure measurement.

FEATURES
    4-wire touch screen interface
    LCD noise reduction feature (STOPACQ pin)
    Automatic conversion sequencer and timer
    User-programmable conversion parameters
    On-chip temperature sensor: −40°C to +85°C
    On-chip 2.5 V reference
    On-chip 8-bit DAC
    3 auxiliary analog inputs
    1 dedicated and 3 optional GPIOs
    2 direct battery measurement channels (0.5 V to 5 V)
    3 interrupt outputs
    Touch-pressure measurement
    Wake up on touch function
    Specified throughput rate of 125 kSPS
    Single supply, VCC of 2.7 V to 5.25 V
    Separate VDRIVE level for serial interface
    Shutdown mode: 1 µA maximum
    32-lead, LFCSP, 5 mm × 5 mm package
    25-ball,WLCSP, 2.5 mm × 2.8 mm package
    Qualified for automotive applications

APPLICATIONS
    Personal digital assistants
    Smart hand-held devices
    Touch screen monitors
    Point-of-sale terminals
    Medical devices
    Cell phones
    Pagers




Similar Part No. - AD7877

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7877 AD-AD7877 Datasheet
395Kb / 6P
Tape and Reel Packaging
AD7877 AD-AD7877 Datasheet
395Kb / 6P
Tape and Reel Packaging
AD7877 AD-AD7877 Datasheet
825Kb / 46P
Touch Screen Controller
Rev. E
AD7877ACBZ-REEL AD-AD7877ACBZ-REEL Datasheet
825Kb / 46P
Touch Screen Controller
Rev. E
AD7877ACBZ-REEL7 AD-AD7877ACBZ-REEL7 Datasheet
825Kb / 46P
Touch Screen Controller
Rev. E
More results


Similar Description - AD7877

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS7843 BURR-BROWN-ADS7843 Datasheet
163Kb / 12P
TOUCH SCREEN CONTROLLER
ADS7846 BURR-BROWN-ADS7846 Datasheet
520Kb / 23P
TOUCH-SCREEN CONTROLLER
logo
Integrated Circuit Syst...
MK715 ICST-MK715 Datasheet
376Kb / 22P
Touch Screen Controller
RevD020200
logo
Asahi Kasei Microsystem...
AK4182 AKM-AK4182 Datasheet
190Kb / 18P
Touch Screen Controller
logo
Anpec Electronics Corop...
APT7846 ANPEC-APT7846 Datasheet
583Kb / 15P
Touch Screen Controller
logo
Integrated Device Techn...
MK712 IDT-MK712 Datasheet
418Kb / 21P
TOUCH SCREEN CONTROLLER
logo
Texas Instruments
ADS7843 TI1-ADS7843 Datasheet
652Kb / 18P
TOUCH SCREEN CONTROLLER
ADS7846IRGVRG4 TI1-ADS7846IRGVRG4 Datasheet
1Mb / 30P
TOUCH SCREEN CONTROLLER
logo
Burr-Brown (TI)
ADS7846NG4 BURR-BROWN-ADS7846NG4 Datasheet
1Mb / 30P
TOUCH SCREEN CONTROLLER
logo
List of Unclassifed Man...
XPT2046 ETC2-XPT2046 Datasheet
821Kb / 30P
Touch Screen Controller
2007
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com