Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MK715 Datasheet (PDF) - Integrated Circuit Systems

MK715 Datasheet PDF - Integrated Circuit Systems
Part # MK715
Download  MK715 Download
File Size   376.88 Kbytes
Page   22 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description Touch Screen Controller

MK715 Datasheet (PDF)

Go To PDF Page Download Datasheet
MK715 Datasheet PDF - Integrated Circuit Systems

Part # MK715
Download  MK715 Click to download

File Size   376.88 Kbytes
Page   22 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description Touch Screen Controller

MK715 Datasheet (HTML) - Integrated Circuit Systems


MK715 Product details

General Description
The MK715 Touch Screen Controller IC provides all the screen drive, Analog to Digital converter (ADC) and control circuits to easily interface to 4-wire analog resistive touch screens. It also includes a general purpose A to D converter and a clock synthesizer.

Features
• Tiny 20 pin SSOP (150 mil body)
• 4 microamp standby current
• Less than 3mA active current at 3.3V, including screen drive
• Touch pressure can be measured
• One or two general purpose A to D inputs
• On-chip voltage reference
• 32.768kHz crystal/clock input
• MHz clock outputs available
• Operates with four wire touch screens
• Ratiometric conversion eliminates screen calibration
• Automatic wake up upon screen touch
• Programmable conversion rate to a maximum of 303 points per second
• 3.3V or 5V supply (2.7V version available)
• 10 bit A/D converter
• Full powerdown control
• Touch screen is directly driven - no external transistors are required
• A to D Converter guaranteed monotonic
• 3 or 4 wire serial interface

Applications
• Notebook Computers
• Handheld Computers
• PDAs
• Touch-screen kiosks




Similar Part No. - MK715

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MK71050-03 ETC2-MK71050-03 Datasheet
616Kb / 23P
Bluetooth Low Energy wireless module
logo
Integrated Circuit Syst...
MK712 ICST-MK712 Datasheet
204Kb / 16P
Touch Screen Controller
Revision 100899
logo
Integrated Device Techn...
MK712 IDT-MK712 Datasheet
418Kb / 21P
TOUCH SCREEN CONTROLLER
MK712 IDT-MK712 Datasheet
412Kb / 21P
TOUCH SCREEN CONTROLLER
logo
Renesas Technology Corp
MK712 RENESAS-MK712 Datasheet
573Kb / 22P
TOUCH SCREEN CONTROLLER
051310
More results


Similar Description - MK715

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS7843 BURR-BROWN-ADS7843 Datasheet
163Kb / 12P
TOUCH SCREEN CONTROLLER
ADS7846 BURR-BROWN-ADS7846 Datasheet
520Kb / 23P
TOUCH-SCREEN CONTROLLER
logo
Analog Devices
AD7877 AD-AD7877 Datasheet
1,002Kb / 44P
Touch Screen Controller
11/04-Changed from Rev. 0 to Rev. A
logo
Asahi Kasei Microsystem...
AK4182 AKM-AK4182 Datasheet
190Kb / 18P
Touch Screen Controller
logo
Anpec Electronics Corop...
APT7846 ANPEC-APT7846 Datasheet
583Kb / 15P
Touch Screen Controller
logo
Integrated Device Techn...
MK712 IDT-MK712 Datasheet
418Kb / 21P
TOUCH SCREEN CONTROLLER
logo
Texas Instruments
ADS7843 TI1-ADS7843 Datasheet
652Kb / 18P
TOUCH SCREEN CONTROLLER
ADS7846IRGVRG4 TI1-ADS7846IRGVRG4 Datasheet
1Mb / 30P
TOUCH SCREEN CONTROLLER
logo
Burr-Brown (TI)
ADS7846NG4 BURR-BROWN-ADS7846NG4 Datasheet
1Mb / 30P
TOUCH SCREEN CONTROLLER
logo
List of Unclassifed Man...
XPT2046 ETC2-XPT2046 Datasheet
821Kb / 30P
Touch Screen Controller
2007
More results




About Integrated Circuit Systems


Integrated Circuit Systems (ICS) was an American company that specialized in the design and manufacture of timing and frequency control products.
The company was founded in 1980 and was headquartered in Norristown, Pennsylvania.
ICS was known for its expertise in timing and frequency control technology and its ability to deliver high-quality and reliable products for various applications such as computing, telecommunications, and industrial automation.
ICS provided a wide range of products including clock generators, clock buffers, clock synthesizers, and other timing and frequency control products.
In 2010, ICS was acquired by IDT (Integrated Device Technology), a leading provider of essential mixed-signal semiconductor solutions.
The ICS brand is no longer in use, but its technology and products continue to be a part of IDT's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com