Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INT2095 Datasheet (PDF) - List of Unclassifed Manufacturers

INT2095 Datasheet PDF - List of Unclassifed Manufacturers
Part # INT2095
Download  INT2095 Download
File Size   56.08 Kbytes
Page   8 Pages
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers
Description Intronic Semiconductor, Inc. Up Interface Transceiver

INT2095 Datasheet (PDF)

Go To PDF Page Download Datasheet
INT2095 Datasheet PDF - List of Unclassifed Manufacturers

Part # INT2095
Download  INT2095 Click to download

File Size   56.08 Kbytes
Page   8 Pages
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers
Description Intronic Semiconductor, Inc. Up Interface Transceiver

INT2095 Datasheet (HTML) - List of Unclassifed Manufacturers


INT2095 Product details

[Intronic Semiconductor, Inc.]

Description
The Intronic Semiconductor INT2095 is a fully featured replacement for the industry standard Up interface layer-1 device. It supports loop lengths up to 2.0km over AWG24 cable and provides all signal conditioning, equalization and adaptive threshold adjustment to optimize line performance. The backplane interface supports both IOM1 and IOM2 modes and provides access to all subchannels of the interface including B, D, CI and M-channels. Special function pins (X0-X4) and a master clock output are included in the device for integration with other INT2095’s or layer-2 devices.

Features
• Pin-for-Pin replacement for industry-standard PEB2095 part
• Up to 2.0km line interface performance
• NT (LT) and TE mode support
• IOM1 and IOM2 backplane interface modes
• Special function pins for interface to other INT2095’s or layer-2 devices
• Custom versions with Intronic core technology
• Low Power dynamic operation
• Single 5V supply
• 28-pin PLCC (standard) package




Similar Part No. - INT2095

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
INT200 POWERINT-INT200 Datasheet
95Kb / 12P
Low-side Drive and High-side Control with Simultaneous Conduction Lockout
INT200PFI1 POWERINT-INT200PFI1 Datasheet
95Kb / 12P
Low-side Drive and High-side Control with Simultaneous Conduction Lockout
INT200PFI2 POWERINT-INT200PFI2 Datasheet
95Kb / 12P
Low-side Drive and High-side Control with Simultaneous Conduction Lockout
INT200TFI1 POWERINT-INT200TFI1 Datasheet
95Kb / 12P
Low-side Drive and High-side Control with Simultaneous Conduction Lockout
INT200TFI2 POWERINT-INT200TFI2 Datasheet
95Kb / 12P
Low-side Drive and High-side Control with Simultaneous Conduction Lockout
More results


Similar Description - INT2095

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
AN2264 MOTOROLA-AN2264 Datasheet
286Kb / 20P
Freescale Semiconductor, Inc.
MPC7450EC MOTOROLA-MPC7450EC Datasheet
1Mb / 52P
Freescale Semiconductor, Inc.
68HC908JB8FS MOTOROLA-68HC908JB8FS Datasheet
226Kb / 2P
Freescale Semiconductor, Inc.
logo
Freescale Semiconductor...
MC68302FC16C FREESCALE-MC68302FC16C Datasheet
261Kb / 13P
Freescale Semiconductor, Inc.
MC711K4CFNE3 FREESCALE-MC711K4CFNE3 Datasheet
2Mb / 290P
Freescale Semiconductor, Inc.
MC68040FE25A FREESCALE-MC68040FE25A Datasheet
3Mb / 442P
Freescale Semiconductor, Inc.
MC68302EH16C FREESCALE-MC68302EH16C Datasheet
261Kb / 13P
Freescale Semiconductor, Inc.
MC68HC705J1ACPE FREESCALE-MC68HC705J1ACPE Datasheet
1Mb / 162P
Freescale Semiconductor, Inc.
logo
Davicom Semiconductor, ...
DM9051NP DAVICOM-DM9051NP Datasheet
87Kb / 1P
DAVICOM Semiconductor, Inc
DM9000C DAVICOM-DM9000C Datasheet
411Kb / 63P
DAVICOM Semiconductor, Inc.
12, 2012
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com