Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INT2095 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # INT2095
Description  Intronic Semiconductor, Inc. Up Interface Transceiver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

INT2095 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

  INT2095 Datasheet HTML 1Page - List of Unclassifed Manufacturers INT2095 Datasheet HTML 2Page - List of Unclassifed Manufacturers INT2095 Datasheet HTML 3Page - List of Unclassifed Manufacturers INT2095 Datasheet HTML 4Page - List of Unclassifed Manufacturers INT2095 Datasheet HTML 5Page - List of Unclassifed Manufacturers INT2095 Datasheet HTML 6Page - List of Unclassifed Manufacturers INT2095 Datasheet HTML 7Page - List of Unclassifed Manufacturers INT2095 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
INT2095
March, 2001
Connection Diagrams (cont.)
INT2095_0
SDI
SDO
FSC
DCL
M0
M1
nTST
VDD2
nRST
XTAL_OUT
CLK_EN
XTAL2
LIO1
LIO2
DISS
X0
X1
X2
X3
X4
XTAL1
VCC
RESETB
VCC
2k
RING1
TIP0
10NF
SDO
TIP1
10NF
VCC
200
5PF
VCC
2k
RING0
2k
VCC
200
VCC
200
1M
2
7
5
8
11
6
SDI
1UF
FSC
200
10NF
2k
15.36MHz
1UF
2
7
5
8
11
6
5PF
INT2095_1
SDI
SDO
FSC
DCL
M0
M1
nTST
VDD2
nRST
XTAL_OUT
CLK_EN
XTAL2
LIO1
LIO2
DISS
X0
X1
X2
X3
X4
XTAL1
DCL
10NF
2 INT2095’s applied in NT (IOM2)-Mode



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com