Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LVR005S Datasheet (PDF) - Tyco Electronics

LVR005S Datasheet PDF - Tyco Electronics
Part # LVR005S
Download  LVR005S Download
File Size   85.48 Kbytes
Page   2 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description Specification Status RELEASED

LVR005S Datasheet (PDF)

Go To PDF Page Download Datasheet
LVR005S Datasheet PDF - Tyco Electronics

Part # LVR005S
Download  LVR005S Click to download

File Size   85.48 Kbytes
Page   2 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description Specification Status RELEASED

LVR005S Datasheet (HTML) - Tyco Electronics


LVR005S Product details

PolySwitch Resettable Devices
Radial-leaded Devices

Features
• Broadest range of radial-leaded resettable devices available in the industry
• Current ratings from 50mA to 15A
• Voltage ratings from 6V (computer and electronic applications) to 265VAC line voltage applications
• Agency recognition : UL, CSA, TÜV
• Fast time-to-trip
• Low resistance

Benefits
• Many product choices give engineers more design flexibility
• Compatible with high-volume electronics assembly
• Assists in meeting regulatory requirements
• Higher voltage ratings allow use in new applications

Applications
• Satellite video receivers
• Industrial controls
• Transformers
• Computer motherboards
• Modems
• USB hub, ports and peripherals
• IEEE1394 ports
• CD-ROMs
• Game machines
• Battery packs
• Phones
• Fax machines
• Analog and digital line cards
• Printers




Similar Part No. - LVR005S

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
LVR005S MACOM-LVR005S Datasheet
570Kb / 18P
PolySwitch??Resettable Device Short Form Catalog
LVR005S MACOM-LVR005S Datasheet
408Kb / 27P
PolySwitch Resettable Devices
LVR005S-2 MACOM-LVR005S-2 Datasheet
408Kb / 27P
PolySwitch Resettable Devices
More results


Similar Description - LVR005S

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
NANOSMDC020F-2 MACOM-NANOSMDC020F-2 Datasheet
98Kb / 1P
Specification Status: Released
ASMD030F-2 MACOM-ASMD030F-2 Datasheet
101Kb / 1P
Specification Status: Released
RUEF250U MACOM-RUEF250U Datasheet
85Kb / 1P
Specification Status Released
FEMTOSMDC016F-02 MACOM-FEMTOSMDC016F-02 Datasheet
107Kb / 1P
Specification Status: Released
logo
Littelfuse
LVM2P-015R10431 LITTELFUSE-LVM2P-015R10431 Datasheet
90Kb / 2P
Specification Status: Released
LVR100K-240 LITTELFUSE-LVR100K-240 Datasheet
428Kb / 3P
Specification Status: Released
MINISMDC200F LITTELFUSE-MINISMDC200F Datasheet
284Kb / 2P
Specification Status: Released
RUEF250U LITTELFUSE-RUEF250U Datasheet
155Kb / 2P
Specification Status: Released
RUEF900 LITTELFUSE-RUEF900 Datasheet
338Kb / 2P
Specification Status: Released
RUSBF110 LITTELFUSE-RUSBF110 Datasheet
348Kb / 2P
Specification Status: Released
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com