Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LVR005S Datasheet(PDF) 1 Page - Tyco Electronics

Part # LVR005S
Description  Specification Status RELEASED
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

LVR005S Datasheet(HTML) 1 Page - Tyco Electronics

  LVR005S Datasheet HTML 1Page - Tyco Electronics LVR005S Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Tyco/Electronics
Raychem Circuit Protection
308 Constitution Drive
Menlo Park, CA 94025-1164
800-227-4856
FAX 800-227-4866
PolySwitch®
PTC Devices
Overcurrent Protection Device
PRODUCT: LVR005S
DOCUMENT: SCD 24902
PCN: C40348
REV LETTER: G
REV DATE: JUNE 18, 2003
PAGE NO.: 1 OF 2
Specification Status: RELEASED
Electrical Rating at 20ºC
Rated Operating Voltage: 240 VAC
Rated Interrupt Current: 1.0 ARMS
Max Interrupt Voltage: 265 VAC
Insulating Material :
Cured, Flame Retardant Epoxy Polymer
Meets UL94 V-0 Requirements.
Lead Material: 24 AWG Sn Plated Copper
Marking:
Raychem Logo
and Voltage
Lot Identification
Part Identification
L005
(can be on back)
240
TABLE I. DIMENSIONS:
A
B
C
D
E
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
mm:
--
8.3
--
10.7
4.3
5.8
7.6
--
--
3.8
in*:
--
(0.33)
--
(0.43)
(0.17)
(0.23)
(0.30)
--
--
(0.15)
*Rounded off approximation
TABLE II. PERFORMANCE RATINGS:
IHOLD
RATED
CURRENT
CURRENT RATINGS
TIME TO TRIP
RESISTANCE
POST-TRIP
RESISTANCE
STANDARD
TRIP
NOMINAL
TRIPPED
POWER
DISSIPATION
AMPS
AT 20
oC
OHMS
AT 20
oC
AMPS AT
20
oC
HOLD
HOLD
TRIP
SECONDS AT
20
oC, 0.25A
MAX
MIN
MAX
OHMS
AT 20
oC
MAX
WATTS
AT 20
oC
0.05
0.05
0.12
15.0
18.5
31.0
65.0
0.7
Recognitions:
UL, TUV, CSA recognized.
Reference Documents:
PS300
Precedence:
This specification takes precedence over documents referenced herein.
Effectivity:
Reference documents shall be the issue in effect on the date of invitation for bid.
Warning:
Refer to Page 2 of this document for application limitations.


Similar Part No. - LVR005S

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
LVR005S MACOM-LVR005S Datasheet
570Kb / 18P
PolySwitch??Resettable Device Short Form Catalog
LVR005S MACOM-LVR005S Datasheet
408Kb / 27P
PolySwitch Resettable Devices
LVR005S-2 MACOM-LVR005S-2 Datasheet
408Kb / 27P
PolySwitch Resettable Devices
More results

Similar Description - LVR005S

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
NANOSMDC020F-2 MACOM-NANOSMDC020F-2 Datasheet
98Kb / 1P
Specification Status: Released
ASMD030F-2 MACOM-ASMD030F-2 Datasheet
101Kb / 1P
Specification Status: Released
RUEF250U MACOM-RUEF250U Datasheet
85Kb / 1P
Specification Status Released
FEMTOSMDC016F-02 MACOM-FEMTOSMDC016F-02 Datasheet
107Kb / 1P
Specification Status: Released
logo
Littelfuse
LVM2P-015R10431 LITTELFUSE-LVM2P-015R10431 Datasheet
90Kb / 2P
Specification Status: Released
LVR100K-240 LITTELFUSE-LVR100K-240 Datasheet
428Kb / 3P
Specification Status: Released
MINISMDC200F LITTELFUSE-MINISMDC200F Datasheet
284Kb / 2P
Specification Status: Released
RUEF250U LITTELFUSE-RUEF250U Datasheet
155Kb / 2P
Specification Status: Released
RUEF900 LITTELFUSE-RUEF900 Datasheet
338Kb / 2P
Specification Status: Released
RUSBF110 LITTELFUSE-RUSBF110 Datasheet
348Kb / 2P
Specification Status: Released
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com