Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLRC63201T0FE Datasheet (PDF) - NXP Semiconductors

CLRC63201T0FE Datasheet PDF - NXP Semiconductors
Part # CLRC63201T0FE
Download  CLRC63201T0FE Download
File Size   713.64 Kbytes
Page   127 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Standard multi-protocol reader solution

CLRC63201T0FE Datasheet (PDF)

Go To PDF Page Download Datasheet
CLRC63201T0FE Datasheet PDF - NXP Semiconductors

Part # CLRC63201T0FE
Download  CLRC63201T0FE Click to download

File Size   713.64 Kbytes
Page   127 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Standard multi-protocol reader solution

CLRC63201T0FE Datasheet (HTML) - NXP Semiconductors


CLRC63201T0FE Product details

Introduction
This data sheet describes the functionality of the CLRC632 Integrated Circuit (IC). It includes the functional and electrical specifications and from a system and hardware viewpoint gives detailed information on how to design-in the device.

Features and benefits
General
■ Highly integrated analog circuitry for demodulating and decoding card/label response
■ Buffered output drivers enable antenna connection using the minimum of external
   components
■ Proximity operating distance up to 100 mm
■ Supports both ISO/IEC 14443 A and ISO/IEC 14443 B standards
■ Supports MIFARE dual-interface card ICs and the MIFARE Mini, MIFARE 1K,
   MIFARE 4K protocols
■ Contactless communication at MIFARE higher baud rates (up to 424 kBd)
■ Supports both I-CODE1 and ISO/IEC 15693 protocols
■ Crypto1 and secure non-volatile internal key memory
■ Pin-compatible with the MFRC500, MFRC530, MFRC531 and the SLRC400
■ Parallel microprocessor interface with internal address latch and IRQ line
■ SPI compatibility
■ Flexible interrupt handling
■ Automatic detection of parallel microprocessor interface type
■ 64-byte send and receive FIFO buffer
■ Hard reset with low power function
■ Software controlled Power-down mode
■ Programmable timer
■ Unique serial number
■ User programmable start-up configuration
■ Bit-oriented and byte oriented framing
■ Independent power supply pins for analog, digital and transmitter modules
■ Internal oscillator buffer optimized for low phase jitter enables 13.56 MHz quartz
   connection
■ Clock frequency filtering
■ 3.3 V to 5 V operation for transmitter in short range and proximity applications
■ 3.3 V or 5 V operation for the digital module

Applications
■ Electronic payment systems
■ Identification systems
■ Access control systems
■ Subscriber services
■ Banking systems
■ Digital content systems




Similar Part No. - CLRC63201T0FE

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
CLRC63201T/0FE PHILIPS-CLRC63201T/0FE Datasheet
900Kb / 163P
Multiple Protocol Contactless Reader IC
May 2003
More results


Similar Description - CLRC63201T0FE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
RI-R6C-001A TI-RI-R6C-001A Datasheet
169Kb / 3P
HF Reader System Series 6000 S6700 Multi-Protocol Transceiver IC
logo
WJ Communication. Inc.
MPR6000 WJCI-MPR6000_06 Datasheet
160Kb / 4P
Multi-Protocol RFID Reader Module EPC Class 0/0 Class1 and Gen2
logo
NXP Semiconductors
CLRC632 PHILIPS-CLRC632 Datasheet
900Kb / 163P
Multiple Protocol Contactless Reader IC
May 2003
logo
Texas Instruments
TRF7960A TI-TRF7960A Datasheet
2Mb / 68P
MULTI-PROTOCOL FULLY INTEGRATED 13.56-MHz RFID READER/WRITER IC
TRF7964A TI1-TRF7964A Datasheet
2Mb / 76P
MULTI-PROTOCOL FULLY INTEGRATED 13.56-MHz RFID READER/WRITER IC
logo
List of Unclassifed Man...
TRH031M ETC1-TRH031M Datasheet
1Mb / 73P
13.56MHz Multi-protocol RFID Reader chip, 3.3V operation voltage
logo
NXP Semiconductors
MFRC500 NXP-MFRC500 Datasheet
599Kb / 110P
The Original MIFARE reader solution
Rev. 3.4-11 February 2014
MFRC531 NXP-MFRC531 Datasheet
702Kb / 117P
Standard ISO/IEC 14443 A/B reader solution
Rev. 3.7-30 June 2015
PR533 NXP-PR533 Datasheet
615Kb / 36P
USB NFC integrated reader solution
Rev. 3.6-27 October 2014
PRH601 NXP-PRH601 Datasheet
246Kb / 15P
Multi-frequency integrated reader solution
Rev. 3.3-10 March 2016
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com