Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLRC63201T/0FE Datasheet (PDF) - NXP Semiconductors

CLRC63201T/0FE Datasheet PDF - NXP Semiconductors
Part # CLRC63201T/0FE
Download  CLRC63201T/0FE Download
File Size   900.08 Kbytes
Page   163 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Multiple Protocol Contactless Reader IC

CLRC63201T/0FE Datasheet (PDF)

Go To PDF Page Download Datasheet
CLRC63201T/0FE Datasheet PDF - NXP Semiconductors

Part # CLRC63201T/0FE
Download  CLRC63201T/0FE Click to download

File Size   900.08 Kbytes
Page   163 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Multiple Protocol Contactless Reader IC

CLRC63201T/0FE Datasheet (HTML) - NXP Semiconductors


CLRC63201T/0FE Product details

General Description
The CL RC632 is member of a new family of highly integrated reader ICs for contactless communication at 13.56 MHz. This reader IC family utilises an outstanding modulation and demodulation concept completely integrated for all kinds of passive contactless communication methods and protocols at 13.56 MHz. The CL RC632 is pin- compatible to the MF RC500, the MF RC530, the MF RC531 and the SL RC 400.

Features
• Highly integrated analog circuitry to demodulate and decode card/label response
• Buffered output drivers to connect an antenna with minimum number of external components
• Proximity operating distance (up to 100 mm)
• Supports ISO 14443 A&B
• Supports MIFARE® Dual Interface Card ICs and supports MIFARE® Classic protocol
• Supports contactless communication with MIFARE® higher baudrates up to 424 kbaud
• Supports I•CODE1 and ISO 15693
• Crypto1 and secure non-volatile internal key memory
• Pin-compatible to the MF RC500, MF RC530, MF RC531 and the SL RC400
• Parallel µ-Processor interface with internal address latch and IRQ line
• SPI compatible interface
• Flexible interrupt handling
• Automatic detection of parallel µ-Processor interface type
• Comfortable 64 byte send and receive FIFO-buffer
• Hard reset with low power function
• Power down mode per software
• Programmable timer
• Unique serial number
• User programmable start-up configuration
• Bit- and byte-oriented framing
• Independent power supply pins for digital, analog and transmitter part
• Internal oscillator buffer to connect 13.56 MHz quartz, optimised for low phase jitter
• Clock frequency filtering
• 3.3 V to 5 V operation for transmitter (antenna driver) in short range and proximity applications
• 3.3 V or 5V operation for the digital part




Similar Part No. - CLRC63201T/0FE

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
CLRC63201T NXP-CLRC63201T Datasheet
713Kb / 127P
Standard multi-protocol reader solution
Rev. 3.7-27 February 2014
CLRC63201T0FE NXP-CLRC63201T0FE Datasheet
713Kb / 127P
Standard multi-protocol reader solution
Rev. 3.7-27 February 2014
More results


Similar Description - CLRC63201T/0FE

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST16-19RFRDCS010 STMICROELECTRONICS-ST16-19RFRDCS010 Datasheet
14Kb / 2P
CONTACTLESS READER CHIP SET
Jan-2001
STRF0000 STMICROELECTRONICS-STRF0000 Datasheet
19Kb / 2P
CONTACTLESS READER CHIP SET
Oct-1999
STRF2163 STMICROELECTRONICS-STRF2163 Datasheet
21Kb / 2P
CONTACTLESS READER CHIP SET
Oct-1999
logo
NXP Semiconductors
MFRC522 NXP-MFRC522 Datasheet
2Mb / 109P
Contactless Reader IC
Rev. 3.2-22 May 2007
CLRD701 PHILIPS-CLRD701 Datasheet
192Kb / 16P
PEGODA Contactless Smart Card Reader
November 2004
MFRC522 NXP-MFRC522_09 Datasheet
526Kb / 96P
Contactless reader IC
Rev. 3.3-26 October 2009
MFRC522 NXP-MFRC522_10 Datasheet
760Kb / 96P
Contactless reader IC
Rev. 3.4-5 March 2010
MFRC523 NXP-MFRC523 Datasheet
776Kb / 98P
Contactless reader IC
Rev. 3.3-5 March 2010
CLRC663 NXP-CLRC663 Datasheet
1Mb / 132P
Contactless reader IC
Rev. 3.3-3 April 2012
MFRC630 NXP-MFRC630 Datasheet
1Mb / 118P
Contactless reader IC
Rev. 3.1-6 September 2012
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com