Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLRC63201T/0FE Datasheet(PDF) 8 Page - NXP Semiconductors

Part # CLRC63201T/0FE
Description  Multiple Protocol Contactless Reader IC
PDF  163 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

CLRC63201T/0FE Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button CLRC63201T/0FE Datasheet HTML 4Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 5Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 6Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 7Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 8Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 9Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 10Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 11Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 163 page
background image
Philips Semiconductors
Product Specification Rev. 3.0; May 2003
Multiple Protocol Contactless Reader IC
CL RC632
8
Confidential
1.3
Features
• Highly integrated analog circuitry to demodulate and decode card/label response
• Buffered output drivers to connect an antenna with minimum number of external components
• Proximity operating distance (up to 100 mm)
• Supports ISO 14443 A&B
• Supports MIFARE® Dual Interface Card ICs and supports MIFARE® Classic protocol
• Supports contactless communication with MIFARE® higher baudrates up to 424 kbaud
• Supports I•CODE1 and ISO 15693
• Crypto1 and secure non-volatile internal key memory
• Pin-compatible to the MF RC500, MF RC530, MF RC531 and the SL RC400
• Parallel µ-Processor interface with internal address latch and IRQ line
• SPI compatible interface
• Flexible interrupt handling
• Automatic detection of parallel µ-Processor interface type
• Comfortable 64 byte send and receive FIFO-buffer
• Hard reset with low power function
• Power down mode per software
• Programmable timer
• Unique serial number
• User programmable start-up configuration
• Bit- and byte-oriented framing
• Independent power supply pins for digital, analog and transmitter part
• Internal oscillator buffer to connect 13.56 MHz quartz, optimised for low phase jitter
• Clock frequency filtering
• 3.3 V to 5 V operation for transmitter (antenna driver) in short range and proximity applications
• 3.3 V or 5V operation for the digital part
1.4
Ordering Information
Package
Type Number
Name
Description
CL RC632 01T/0FE
SO32
Small Outline Package; 32 leads
Table 1-1: CL RC632 Ordering Information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com