Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLRC63201T/0FE Datasheet(PDF) 49 Page - NXP Semiconductors

Part # CLRC63201T/0FE
Description  Multiple Protocol Contactless Reader IC
PDF  163 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

CLRC63201T/0FE Datasheet(HTML) 49 Page - NXP Semiconductors

Back Button CLRC63201T/0FE Datasheet HTML 45Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 46Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 47Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 48Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 49Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 50Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 51Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 52Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 53Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 163 page
background image
Philips Semiconductors
Product Specification Rev. 3.0; May 2003
Multiple Protocol Contactless Reader IC
CL RC632
49
Confidential
5.2.4.7
RxControl2 Register
controls decoder behaviour and defines the input source for the receiver.
Name:RxControl2
Address: 0x1E
Reset value: 01000001, 0x41
7
6
5
4
3
2
1
0
RcvClkSelI
RxAutoPD
0
0
0
0
DecoderSource
Access
Rights
r/w
r/w
r/w
r/w
r/w
r/w
r/w
r/w
Description of the bits
Bit
Symbol
Function
7
RcvClkSelI
If set to 1, the I-clock is used for the receiver clock.
Set to 0 indicates, that the Q-clock is used. I-clock and Q-clock are 90° phase
shifted to each other
6
RxAutoPD
If set to 1, the receiver circuit is automatically switched on before receiving and
switched off afterwards. This may be used to reduce current consumption.
If set to 0, the receiver is always activated.
5-2
0000
These values shall not be changed
1-0
DecoderSource
Selects the source for the decoder input:
00:
Low
01:
Internal Demodulator
10:
A subcarrier modulated Manchester coded signal at Pin MFIN
11:
A baseband Manchester coded signal at Pin MFIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com