Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLRC63201T/0FE Datasheet(PDF) 88 Page - NXP Semiconductors

Part # CLRC63201T/0FE
Description  Multiple Protocol Contactless Reader IC
PDF  163 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

CLRC63201T/0FE Datasheet(HTML) 88 Page - NXP Semiconductors

Back Button CLRC63201T/0FE Datasheet HTML 84Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 85Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 86Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 87Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 88Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 89Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 90Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 91Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 92Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 163 page
background image
Philips Semiconductors
Product Specification Rev. 3.0; May 2003
Multiple Protocol Contactless Reader IC
CL RC632
88
Confidential
9.2.2
CONTROLLING THE TIMER UNIT
The main part of the timer unit is a down-counter. As long as the down-counter value is unequal zero, it
decrements its value with each timer clock.
If TAutoRestart is enabled the timer does not decrement down to zero. Having reached the value 1 the timer
reloads with the next clock with the TimerReload value.
The timer is started immediately by loading a value from the TimerReload Register into the counter module.
This may be triggered by one of the following events:
•
Transmission of the first bit to the card (TxBegin Event) and bit TStartTxBegin is 1
•
Transmission of the last bit to the card (TxEnd Event) and bit TStartTxEnd is 1
•
Bit TStartNow is set to 1 (by the µ-Processor)
Note: Every start event reloads the timer from the TimerReload Register. Thus, the timer unit is re-triggered.
The timer can be configured to stop with one of the following events:
•
Reception of the first valid bit from the card (RxBegin Event) and bit TStopRxBegin is set to 1
•
Reception of the last bit from the card (RxEnd event) and bit TStopRxEnd is set to 1
•
The counter module has decrement down to zero and bit TAutoRestart is set to 0
•
Bit TStopNow is set to 1 (by the µ-Processor)
Loading a new value, e.g. zero, into the TimerReload Register does not immediately influence the counter,
since the TimerReload Register affects the counter units content only with the next start event. Thus, the
TimerReload Register may be changed even if the timer unit is already counting. The consequence of
changing the TimerReload Register will be visible after the next start event.
If the counter is stopped by setting bit TstopNow, no TimerIRq is signalled.
9.2.3
TIMER UNIT CLOCK AND PERIOD
The clock of the timer unit is derived from the 13.56 MHz chip clock via a programmable divider. The clock
selection is done with the TPreScaler Register that defines the timer unit clock frequency according to the
following formula:
MHz
f
T
eScaler
T
TimerClock
TimerClock
56
.
13
2
1
Pr
=
=
The possible values for the TPreScaler Register range from 0 up to 21 resulting in minimum time TTimerClock of
about 74 ns up to about 150 ms.
The time period elapsed since the last start event is calculated with
TimerClock
Timer
f
TimerValue
ue
TReLoadVal
T
−
=
resulting in a minimum time TTimer of about 74 ns up to about 40 s.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com