Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLRC63201T/0FE Datasheet(PDF) 32 Page - NXP Semiconductors

Part # CLRC63201T/0FE
Description  Multiple Protocol Contactless Reader IC
PDF  163 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

CLRC63201T/0FE Datasheet(HTML) 32 Page - NXP Semiconductors

Back Button CLRC63201T/0FE Datasheet HTML 28Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 29Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 30Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 31Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 32Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 33Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 34Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 35Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 36Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 163 page
background image
Philips Semiconductors
Product Specification Rev. 3.0; May 2003
Multiple Protocol Contactless Reader IC
CL RC632
32
Confidential
5.2.2.3
ErrorFlag Register
Error flags showing the error status of the last executed command.
Name: ErrorFlag
Address: 0x0A
Reset value: 01000000, 0x40
7
6
5
4
3
2
1
0
0
KeyErr
AccessErr
FIFOOvfl
CRCErr
FramingErr
ParityErr
CollErr
Access
Rights
r
r
r
r
r
r
r
r
Description of the bits
Bit
Symbol
Function
7
0
Reserved for future use.
6
KeyErr
This bit is set to 1, if the LoadKeyE2 or the LoadKey Command recognises, that
the input data is not coded according to the Key format definition.
This bit is set to 0 starting the LoadkeyE2 or the LoadKey command.
5
AccessErr
This bit is set to 1, if the access rights to the E²PROM are violated.
This bit is set to 0 starting an E²PROM related command.
4
FIFOOvfl
This bit is set to 1, if the µ-Processor or a CL RC632’s internal state machine (e.g.
receiver) tries to write data into the FIFO buffer although the FIFO buffer is
already full.
3
CRCErr
This bit is set to 1, if RxCRCEn is set and the CRC fails. It is cleared to 0
automatically at receiver start phase during the state PrepareRx.
2
FramingErr
This bit is set to 1, if the SOF is incorrect. It is cleared automatically at receiver
start (that is during the state PrepareRx).
1
ParityErr
This bit is set to 1, if the parity check has failed. It is cleared automatically at
receiver start (that is during the state PrepareRx).
0
CollErr
This bit is set to 1, if a bit-collision is detected. It is cleared automatically at
receiver start (that is during the state PrepareRx).
Note: only valid for communication according to ISO14443 A.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com