Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLRC63201T/0FE Datasheet(PDF) 98 Page - NXP Semiconductors

Part # CLRC63201T/0FE
Description  Multiple Protocol Contactless Reader IC
PDF  163 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

CLRC63201T/0FE Datasheet(HTML) 98 Page - NXP Semiconductors

Back Button CLRC63201T/0FE Datasheet HTML 94Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 95Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 96Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 97Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 98Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 99Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 100Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 101Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 102Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 163 page
background image
Philips Semiconductors
Product Specification Rev. 3.0; May 2003
Multiple Protocol Contactless Reader IC
CL RC632
98
Confidential
13 TRANSMITTER PINS TX1 AND TX2
The signal delivered on TX1 and TX2 is the 13.56 MHz energy carrier modulated by an envelope signal. It
can be used to drive an antenna directly, using a few passive components for matching and filtering (see
chapter 20). For that, the output circuitry is designed with a very low impedance source resistance. The
signal of TX1 and TX2 can be controlled via the TxControl Register.
13.1 Configuration of TX1 and TX2
The configuration possibilities of TX1 are described in the table below:
Register Configuration in TxControl
TX1RFEn
FORCE100ASK
Envelope
Signal on TX1
0
X
X
LOW (GND)
0
13.56 MHz carrier frequency modulated
1
0
1
13.56 MHz carrier frequency
0
LOW
1
1
1
13.56 MHz energy carrier
Table 13-1: Configurations of Pin TX1
The configuration possibilities of TX2 are described in the table below:
Register Configuration in TxControl
TX2RFEn
FORCE100
ASK
TX2CW
InvTX2
Envelope
Signal on TX2
0
X
X
X
X
LOW
0
13.56 MHz carrier frequency modulated
0
1
13.56 MHz carrier frequency
0
13.56 MHz carrier frequency modulated,
180° phase shift relative to TX1
0
1
1
13.56 MHz carrier frequency,
180° phase shift relative to TX1
0
X
13.56 MHz carrier frequency
0
1
1
X
13.56 MHz carrier frequency, 180° phase shift
relative to TX1
0
LOW
0
1
13.56 MHz carrier frequency
0
HIGH
0
1
1
13.56 MHz carrier frequency,
180° phase shift relative to TX1
0
X
13.56 MHz carrier frequency
1
1
1
1
X
13.56 MHz carrier frequency,
180° phase shift relative to TX1
Table 13-2: Configurations of Pin TX2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com