Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLRC63201T/0FE Datasheet(PDF) 56 Page - NXP Semiconductors

Part # CLRC63201T/0FE
Description  Multiple Protocol Contactless Reader IC
PDF  163 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

CLRC63201T/0FE Datasheet(HTML) 56 Page - NXP Semiconductors

Back Button CLRC63201T/0FE Datasheet HTML 52Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 53Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 54Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 55Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 56Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 57Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 58Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 59Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 60Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 163 page
background image
Philips Semiconductors
Product Specification Rev. 3.0; May 2003
Multiple Protocol Contactless Reader IC
CL RC632
56
Confidential
5.2.5.7
MFOUTSelect Register
Selects internal signal applied to pin MFOUT.
Name: MFOUTSelect
Address: 0x26
Reset value:00000000, 0x00
7
6
5
4
3
2
1
0
0
0
0
TimeSlot
Period
MSB
0
MFOUTSelect
Access
Rights
r/w
r/w
r/w
r/w
r/w
r/w
r/w
r/w
Description of the bits
Bit
Symbol
Function
7-5
00000
These values shall not be changed
4
TimeSlotPeriod
MSB
MSB of value TimeSlotPeriod see register 0x25
3
0
These values shall not be changed
MFOUTSelect defines which signal is routed to pin MFOUT.
000
Constant Low
001
Constant High
010
Modulation Signal (envelope) from internal coder, Miller coded
011
Serial data stream, not Miller coded
100
Output signal of the energy carrier demodulator (card modulation
signal)
Note: only valid MIFARE
® and ISO14443 A at a baudrate of 106
kbaud.
101
Output signal of the subcarrier demodulator (Manchester coded card
signal)
Note: only valid MIFARE
® and ISO14443 A at a baudrate of 106
kbaud.
110
RFU
2-0
MFOUTSelect
111
RFU



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com