Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLRC63201T/0FE Datasheet(PDF) 90 Page - NXP Semiconductors

Part # CLRC63201T/0FE
Description  Multiple Protocol Contactless Reader IC
PDF  163 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

CLRC63201T/0FE Datasheet(HTML) 90 Page - NXP Semiconductors

Back Button CLRC63201T/0FE Datasheet HTML 86Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 87Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 88Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 89Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 90Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 91Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 92Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 93Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 94Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 163 page
background image
Philips Semiconductors
Product Specification Rev. 3.0; May 2003
Multiple Protocol Contactless Reader IC
CL RC632
90
Confidential
Example:
CoderRate = 0x05 (~52.97kHz)
For I
•CODE1 standard mode the interval should be 8.458ms
->TimeSlotPeriod = CoderRate * interval = 52.97kHz * 8.458ms –1 = 447 (447 = 0x1BF)
Note: The MSB of the TimeSlotPeriod is in the MFOUTSelect register.
Command
Quit1
Quit2
Response1
Response2
TSP1
TSP2
Command
Quit1
Quit2
Response1
Response2
TSP1
TSP2
TimeSlotPeriod for TSP1
TimeSlotPeriod for TSP2
I
•CODE1 Standard Mode
0xBF
0x1BF
I
•CODE1 Fast Mode
0x5F
0x67
Note: It is strictly recommended that bit TxCRCEn is set to 0 before the Quit-Frame is sent. If the TxCRCEn
is not set to 0 a CRC value is calculated and sent with the Quit-Frame.
To calculate the Quit value a CRC8 algorithm has to be used.
9.3
Usage of the Timer Unit
9.3.1
TIME-OUT- AND WATCH-DOG-COUNTER
Having started the timer by setting TReloadValue the timer unit decrements the TimerValue Register
beginning with a certain start event. If a certain stop event occurs e.g. a bit is received from the card, the
timer unit stops (no interrupt is generated).
On the other hand, if no stop event occurs, e.g. the card does not answer in the expected time, the timer unit
decrements down to zero and generates a timer interrupt request. This signals the µ-Processor that the
expected event has not occurred in the given time TTimer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com