Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLRC63201T/0FE Datasheet(PDF) 11 Page - NXP Semiconductors

Part # CLRC63201T/0FE
Description  Multiple Protocol Contactless Reader IC
PDF  163 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

CLRC63201T/0FE Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button CLRC63201T/0FE Datasheet HTML 7Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 8Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 9Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 10Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 11Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 12Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 13Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 14Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 163 page
background image
Philips Semiconductors
Product Specification Rev. 3.0; May 2003
Multiple Protocol Contactless Reader IC
CL RC632
11
Confidential
3.2
Pin Description
Pin Types: I...Input;
O...Output;
PWR...Power
PIN
SYMBOL
TYPE
DESCRIPTION
1
OSCIN
I
Crystal Oscillator Input: input to the inverting amplifier of the oscillator.
This pin is also the input for an externally generated clock (fosc = 13.56 MHz).
2
IRQ
O
Interrupt Request: output to signal an interrupt event
3
MFIN
I
MIFAREInterface Input: accepts a digital, serial data stream according to
ISO14443A (MIFARE)
4
2
MFOUT
O
MIFAREInterface Output: delivers a serial data stream according to ISO14443A
(MIFARE)
I
•CODE Interface Output: delivers a serial data stream according to I•CODE1 and
ISO 15693
5
TX1
O
Transmitter 1: delivers the modulated 13.56 MHz energy carrier
6
TVDD
PWR
Transmitter Power Supply: supplies the output stage of TX1 and TX2
7
TX2
O
Transmitter 2: delivers the modulated 13.56 MHz energy carrier
8
TVSS
PWR
Transmitter Ground: supplies the output stage of TX1 and TX2
9
NCS
I
Not Chip Select: selects and activates the µ-Processor interface of the CL RC632
NWR
I
Not Write: strobe to write data (applied on D0 to D7) into the CL RC632 register
R/NW
I
Read Not Write: selects if a read or write cycle shall be performed.
10
1
nWrite
I
Not Write: selects if a read or write cycle shall be performed
NRD
I
Not Read: strobe to read data from the CL RC632 register (applied on D0 to D7)
NDS
I
Not Data Strobe: strobe for the read and the write cycle
11
1
nDStrb
I
Not Data Strobe: strobe for the read and the write cycle
12
DVSS
PWR
Digital Ground
13
D0
O
Master In Slave Out (MISO), SPI interface,
D0 to D7
I/O
8 Bit Bi-directional Data Bus
13
…
20
1
AD0 to AD7
I/O
8 Bit Bi-directional Address and Data Bus
ALE
I
Address Latch Enable: signal to latch AD0 to AD5 into the internal address latch
when HIGH.
AS
I
Address Strobe: strobe signal to latch AD0 to AD5 into the internal address latch
when HIGH.
nAStrb
I
Not Address Strobe: strobe signal to latch AD0 to AD5 into the internal address latch
when LOW.
21
1
NSS
I
Not Slave Select: strobe for the SPI communication
A0
I
Address Line 0: Bit 0 of register address
nWait
O
Not Wait: signals with LOW that an access-cycle may started and with HIGH that it
may be finished.
22
1
MOSI
I
Master Out Slave In, SPI interface
PIN Description (continued)
1 These pins offer different functionality according to the selected µ-Processor interface type. For detailed
information, refer to chapter 4.
2 The SL RC400 uses the name SIGOUT for the MFOUT pin. The CLRC 632 functionality includes the test possibilities
for the SL RC 400 using the pin MFOUT
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com