Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLRC63201T/0FE Datasheet(PDF) 30 Page - NXP Semiconductors

Part # CLRC63201T/0FE
Description  Multiple Protocol Contactless Reader IC
PDF  163 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

CLRC63201T/0FE Datasheet(HTML) 30 Page - NXP Semiconductors

Back Button CLRC63201T/0FE Datasheet HTML 26Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 27Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 28Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 29Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 30Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 31Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 32Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 33Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 34Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 163 page
background image
Philips Semiconductors
Product Specification Rev. 3.0; May 2003
Multiple Protocol Contactless Reader IC
CL RC632
30
Confidential
5.2.1.8
InterruptRq Register
Interrupt request flags.
Name: InterruptRq
Address: 0x07
Reset value: 00000000, 0x00
7
6
5
4
3
2
1
0
SetIRq
0
TimerIRq
TxIRq
RxIRq
IdleIRq
HiAlertIRq
LoAlertIRq
Access
Rights
w
r/w
dy
dy
dy
dy
dy
dy
Description of the bits
Bit
Symbol
Function
7
SetIRq
Set to 1, SetIRq defines that the marked bits in the InterruptRq Register are set.
Set to 0 SetIRq defines, that the marked bits in the InterruptRq Register are
cleared.
6
0
Reserved for future use.
5
TimerIRq
Set to 1, when the timer decrements the TimerValue Register to zero.
4
TxIRq
Set to 1, when one of the following events occurs:
Transceive Command: All data transmitted.
Auth1 and Auth2 Command: All data transmitted.
WriteE2 Command: All data is programmed.
CalcCRC Command: All data is processed.
3
RxIRq
This bit is set to 1, when the receiver terminates.
2
IdleIRq
This bit is set to 1, when a command terminates by itself e.g. when the Command
Register changes its value from any command to the Idle Command.
If an unknown command is started bit IdleIRq is set.
Starting the Idle Command by the µ-Processor does not set bit IdleIRq.
1
HiAlertIRq
This bit is set to 1, when bit HiAlert is set. In opposite to HiAlert, HiAlertIRq stores
this event and can only be reset by means of bit SetIRq.
0
LoAlertIRq
This bit is set to 1, when bit LoAlert is set. In opposite to LoAlert, LoAlertIRq
stores this event and can only be reset by means of bit SetIRq.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com