Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLRC63201T/0FE Datasheet(PDF) 12 Page - NXP Semiconductors

Part # CLRC63201T/0FE
Description  Multiple Protocol Contactless Reader IC
PDF  163 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

CLRC63201T/0FE Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button CLRC63201T/0FE Datasheet HTML 8Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 9Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 10Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 11Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 12Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 13Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 14Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 15Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 163 page
background image
Philips Semiconductors
Product Specification Rev. 3.0; May 2003
Multiple Protocol Contactless Reader IC
CL RC632
12
Confidential
PIN
SYMBOL TYPE
DESCRIPTION
23
A1
I
Address Line 1: Bit 1 of register address
A2
I
Address Line 2: Bit 2 of register address
24
1
SCK
I
Serial Clock: Clock for the SPI interface
25
DVDD
PIWR Digital Power Supply
26
AVDD
PWR
Analog Power Supply
27
AUX
O
Auxiliary Output: This pin delivers analog test signals. The signal delivered on this
output may be selected by means of the TestAnaOutSel Register.
28
AVSS
PWR
Analog Ground
29
RX
I
Receiver Input: Input pin for the cards response, which is the load modulated 13.56
MHz energy carrier, that is coupled out from the antenna circuit.
30
VMID
PWR
Internal Reference Voltage: This pin delivers the internal reference voltage.
Note: It has to be supported by means of a 100 nF block capacitor.
31
RSTPD
I
Reset and Power Down: When HIGH, internal current sinks are switched off, the
oscillator is inhibited, and the input pads are disconnected from the outside world.
With a negative edge on this pin the internal reset phase starts.
32
OSCOUT
O
Crystal Oscillator Output: Output of the inverting amplifier of the oscillator.
Table 3-1: CL RC632 Pin Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com