Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLRC63201T/0FE Datasheet(PDF) 78 Page - NXP Semiconductors

Part # CLRC63201T/0FE
Description  Multiple Protocol Contactless Reader IC
PDF  163 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

CLRC63201T/0FE Datasheet(HTML) 78 Page - NXP Semiconductors

Back Button CLRC63201T/0FE Datasheet HTML 74Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 75Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 76Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 77Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 78Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 79Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 80Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 81Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 82Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 163 page
background image
Philips Semiconductors
Product Specification Rev. 3.0; May 2003
Multiple Protocol Contactless Reader IC
CL RC632
78
Confidential
6.3.4
CONTENT OF I●CODE1 AND ISO15693 START UP REGISTER VALUES
To enable the I●CODE1 functionality the following table gives an overview on the start up values for
communication according t to the I●CODE1 and ISO15693 scheme
E²PROM Byte
Address
Reg.
Address
Value
Description
30
10
00
Page: free for user
31
11
58
TxControl: Transmitter pins TX1 and TX2 switched off, bridge driver configuration,
modulator driven from internal digital circuitry
32
12
3F
CwConductance: Source resistance of TX1 and TX2 to minimum.
33
13
05
ModGsCfg: Source resistance of TX1 and TX2 at the time of Modulation, to determine the
modulation index
34
14
2C
CoderControl: Selects the bit coding mode and the framing during transmission
35
15
3F
ModWidth: Pulse width for “used code (1 out of 256, RZ or 1 out of 4)” pulse coding is set to
standard configuration.
36
16
3F
ModWidthSOF Pulse width of SOF
37
17
00
TypeBFraming
38
18
00
Page: free for user
39
19
8B
RxControl1: Amplifier gain is maximum.
3A
1A
00
DecoderControl: A bit-collision always evaluates to HIGH in the data bit stream.
3B
1B
54
BitPhase: BitPhase is set to standard configuration.
3C
1C
68
RxThreshold: MinLevel and CollLevel are set to maximum.
3D
1D
00
BPSKDemControl
3E
1E
41
RxControl2: Use Q-clock for the receiver, ‘Automatic Receiver Off’ is switched on,
decoder is driven from internal analog circuitry.
3F
1F
00
ClockQControl: Automatic Q-clock Calibration’ is switched on.
40
20
00
Page: free for user
41
21
08
RxWait: Frame Guard Time is set to six bit clocks.
42
22
0C
ChannelRedundancy: Channel Redundancy is set according to I●CODE1.
43
23
FE
CRCPresetLSB: CRC-Preset value is set according to I●CODE1.
44
24
FF
CRCPresetMSB: CRC-Preset value is set according to I●CODE1.
45
25
00
TimeSlot Period : defines the time for the I●CODE1 time slots
46
26
00
MFOUTSelect: Pin MFOUT is set to LOW.
47
27
00
PreSet27
48
28
00
Page: free for user
49
29
3E
FIFOLevel: WaterLevel: FIFO buffer warning level is set to standard configuration.
4A
2A
0B
TimerClock: TPreScaler is set to standard configuration, timer unit restart function is switched off.
4B
2B
02
TimerControl: Timer is started at the end of transmission, stopped at the beginning of reception.
4C
2C
00
TimerReload: TReloadValue: the timer unit preset value is set to standard configuration
4D
2D
02
IRQPinConfig: Pin IRQ is set to high impedance.
4E
2E
00
PreSet2E
4F
2F
00
PreSet2F
Table 6-7: Content of I●CODE1 Start Up Configuration
6.4
Crypto1 Keys (Write Only)
The MIFARE
® Classic security requires specific keys to encrypt the communication on the contactless
interface. These keys are named as crypto1 keys.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com