Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLRC63201T/0FE Datasheet(PDF) 45 Page - NXP Semiconductors

Part # CLRC63201T/0FE
Description  Multiple Protocol Contactless Reader IC
PDF  163 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

CLRC63201T/0FE Datasheet(HTML) 45 Page - NXP Semiconductors

Back Button CLRC63201T/0FE Datasheet HTML 41Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 42Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 43Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 44Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 45Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 46Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 47Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 48Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 49Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 163 page
background image
Philips Semiconductors
Product Specification Rev. 3.0; May 2003
Multiple Protocol Contactless Reader IC
CL RC632
45
Confidential
5.2.4.3
DecoderControl Register
Controls decoder behaviour.
Name: DecoderControl
Address: 0x1A
Reset value: 00001000, 0x08
7
6
5
4
3
2
1
0
0
RxMultiple
ZeroAfter
Coll
RxFraming
RxInvert
0
RxCoding
Access
Rights
r/w
r/w
r/w
r/w
r/w
r/w
r/w
r/w
Description of the bits
Bit
Symbol
Function
7
0
These values shall not be changed
6
RxMultiple
If set to 0, after receiving of the Frame the receiver is deactivated
If set to 1, it is possible to receive more than one Frame
5
ZeroAfter Coll
If set to 1, any bits received after a bit-collision are masked to zero. This eases
resolving the anti-collision procedure defined in ISO14443-A.
4-3
RxFraming
00:
for I•CODE1
01:
MIFARE
®, ISO14443A
10:
ISO 15693
11:
ISO14443B
2
RxInvert
If set to 0, a modulation at the first half bit results a logic 1 (according I•CODE1)
If set to 1, a modulation at the first half bit results a logic 0 (according ISO15693)
1
0
These values shall not be changed
0
RxCoding
0:
Manchester Coding
1:
BPSK Coding



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com