Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLRC63201T/0FE Datasheet(PDF) 74 Page - NXP Semiconductors

Part # CLRC63201T/0FE
Description  Multiple Protocol Contactless Reader IC
PDF  163 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

CLRC63201T/0FE Datasheet(HTML) 74 Page - NXP Semiconductors

Back Button CLRC63201T/0FE Datasheet HTML 70Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 71Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 72Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 73Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 74Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 75Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 76Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 77Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 78Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 163 page
background image
Philips Semiconductors
Product Specification Rev. 3.0; May 2003
Multiple Protocol Contactless Reader IC
CL RC632
74
Confidential
6.2
Product Information Field (Read Only)
Byte
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
Meaning
Product Type Identification
RFU
Product Serial Number
Internal
RsMaxP CRC
Table 6-2: Product Information Field
PRODUCT TYPE IDENTIFICATION:
The CL RC632 is a member of a new family for highly integrated reader IC’s. Each member of the product
family has its unique Product Type Identification. The value of the Product Type Identification is shown in the
table below:
Product Type Identification
Byte
0
1
2
3
4
Value
30hex
FFhex
FFhex
0Fhex
XXhex
Table 6-3: Product Type Identification Definition
Byte 4 indicates the current version number.
PRODUCT SERIAL NUMBER:
The CL RC632 holds a four byte serial number that is unique for each device.
INTERNAL:
These 2 bytes hold internal trimming parameters.
RsMaxP:
Maximum Source Resistance for the p-Channel Driver Transistor of pin TX1 and TX2
The source resistance of the p-channel driver transistors of pin TX1 and TX2 may be adjusted via the value
GsCfgCW in the CWConductance Register (see chapter 13.3). The mean value of the maximum adjustable
source resistance of the pins TX1 and TX2 is stored as an integer value in Ohms in byte RsMaxP.
This value is denoted as maximum adjustable source resistance Rsref,max,p and is measured setting
GsCfgCW in the Register CWConductance to 01hex. It is in the range between about 80 to 120 Ohm.
CRC:
The content of the product information field is secured via a CRC-byte, which is checked during start up.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com