Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLRC63201T/0FE Datasheet(PDF) 41 Page - NXP Semiconductors

Part # CLRC63201T/0FE
Description  Multiple Protocol Contactless Reader IC
PDF  163 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

CLRC63201T/0FE Datasheet(HTML) 41 Page - NXP Semiconductors

Back Button CLRC63201T/0FE Datasheet HTML 37Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 38Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 39Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 40Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 41Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 42Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 43Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 44Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 45Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 163 page
background image
Philips Semiconductors
Product Specification Rev. 3.0; May 2003
Multiple Protocol Contactless Reader IC
CL RC632
41
Confidential
5.2.3.5
CoderControl Register
sets the clock rate and the coding mode
Name: CoderControl
Address:0x14
Reset value: 00011001, 0x19
7
6
5
4
3
2
1
0
SendOne
Pulse
0
CoderRate
TxCoding
Access
Rights
r/w
r/w
r/w
r/w
r/w
r/w
r/w
r/w
Description of the bits
Bit
Symbol
Function
7
SendOnePulse
Set to 1, forces to generate only one Mudulation (for ISO 15693 only). This is
used to switch to the next TimeSlot if the Inventory command is used.
This bit is not cleared automatically, it has to be re-set to 0 by the user.
6
0
These values shall not be changed
5-3
CoderRate
This register defines the clock rate for Coder Circuit
000:
MIFARE
® 848 kBaud
001:
MIFARE
® 424 kBaud
010:
MIFARE
® 212 kBaud
011:
MIFARE
® 106 kBaud; ISO14443 A
100:
ISO 14443-B
101:
For I●CODE1 standard mode and ISO 15693 (~52.97kHz)
110:
For I●CODE1 fast mode (~26.48kHz)
111:
RFU
2-0
TxCoding
This register defines the bit coding Mode and Framing during Transmission
000:
NRZ according ISO14443-B
001:
MIFARE
®, ISO14443-A, (Miller coded)
010:
RFU
011:
RFU
100:
For I●CODE1 standard mode (1 out of 256 coding)
101:
For I●CODE1 fast mode (RZ coding)
110:
For ISO 15693 standard mode (1 out of 256 coding)
111:
For ISO 15693 fast mode (1 out of 4 coding)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com