Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLRC63201T/0FE Datasheet(PDF) 93 Page - NXP Semiconductors

Part # CLRC63201T/0FE
Description  Multiple Protocol Contactless Reader IC
PDF  163 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

CLRC63201T/0FE Datasheet(HTML) 93 Page - NXP Semiconductors

Back Button CLRC63201T/0FE Datasheet HTML 89Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 90Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 91Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 92Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 93Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 94Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 95Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 96Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 97Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 163 page
background image
Philips Semiconductors
Product Specification Rev. 3.0; May 2003
Multiple Protocol Contactless Reader IC
CL RC632
93
Confidential
10 POWER REDUCTION MODES
10.1 Hard Power Down
A Hard Power Down is enabled with HIGH on pin RSTPD. This turns off all internal current sinks including
the oscillator. All digital input buffers are separated from the input pads and defined internally (except pin
RSTPD itself). The output pins are frozen at a certain value.
This is shown in the following table.
SYMBOL
PIN
TYPE
DESCRIPTION
OSCIN
1
I
Not separated from input, pulled to AVSS
IRQ
2
O
High impedance
MFIN
3
I
Separated from Input
MFOUT
4
O
LOW
HIGH, if TX1RFEn=1
TX1
5
O
LOW, if TX1RFEn=0
HIGH, only if TX2RFEn=1 and TX2Inv=0
TX2
7
O
LOW
NWR
9
I
Separated from Input
NRD
10
I
Separated from Input
NCS
11
I
Separated from Input
D0 to D7
13 to 20
I/O
Separated from Input
ALE
21
I
Separated from Input
A0
22
I/O
Separated from Input
A1
23
I
Separated from Input
A2
24
I
Separated from Input
AUX
27
O
High impedance
RX
29
I
Not changed
VMID
30
A
Pulled to AVDD
RSTPD
31
I
Not changed
OSCOUT
32
O
HIGH
Table 10-1: Signal on Pins during Hard Power Down
10.2 Soft Power Down
The Soft Power Down-mode is entered immediately by setting bit PowerDown in the Control-Register. All
internal current sinks are switched off (including the oscillator buffer).
In difference to the Hard Power Down-mode, the digital input-buffers are not separated by the input pads and
keep their functionality. The digital output pins do not change their state.
After resetting bit PowerDown in the Control-Register it needs 512 clocks until the Soft Power Down mode is
left indicated by the PowerDown bit itself. Resetting it does not immediately clear it. It is cleared
automatically by the CL RC632 when the Soft Power Down-Mode is left.
Note: If the internal oscillator is used, you have to take into account that it is supplied by AVDD and it will
take a certain time tosc until the oscillator is stable and the clock cycles can be detected by the internal logic.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com