Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLRC63201T/0FE Datasheet(PDF) 73 Page - NXP Semiconductors

Part # CLRC63201T/0FE
Description  Multiple Protocol Contactless Reader IC
PDF  163 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

CLRC63201T/0FE Datasheet(HTML) 73 Page - NXP Semiconductors

Back Button CLRC63201T/0FE Datasheet HTML 69Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 70Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 71Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 72Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 73Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 74Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 75Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 76Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 77Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 163 page
background image
Philips Semiconductors
Product Specification Rev. 3.0; May 2003
Multiple Protocol Contactless Reader IC
CL RC632
73
Confidential
6
MEMORY ORGANISATION OF THE E²PROM
6.1
Diagram of the E²PROM Memory Organisation
Block
Number
Block Address
Byte
Addresses
Access Rights
Memory Content
See
Also
0
0
00 … 0F
r
Product Information Field
6.2
1
1
10 … 1F
r/w
2
2
20 … 2F
r/w
Start Up Register Initialisation File
6.3.1
3
3
30 … 3F
r/w
4
4
40 … 4F
r/w
5
5
50 … 5F
r/w
6
6
60 … 6F
r/w
7
7
70 … 7F
r/w
Register Initialisation File
For User data or second Initialisation
6.3.3
8
8
80 … 8F
w
9
9
90 … 9F
w
10
A
A0 … AF
w
11
B
B0 … BF
w
12
C
C0 … CF
w
13
D
D0 … DF
w
14
E
E0 … EF
w
15
F
F0 … FF
w
16
10
100 … 10F
w
17
11
110 … 11F
w
18
12
120 … 12F
w
19
13
130 … 13F
w
20
14
140 … 14F
w
21
15
150 … 15F
w
22
16
160 … 16F
w
23
17
170 … 17F
w
24
18
180 … 18F
w
25
19
190 … 19F
w
26
1A
1A0 … 1AF
w
27
1B
1B0 … 1BF
w
28
1C
1C0 … 1CF
w
29
1D
1D0 … 1DF
w
30
1E
1E0 … 1EF
w
31
1F
1F0 … 1FF
w
Keys for Crypto1
6.4
Table 6-1: Diagram of E²PROM Memory Organisation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com