Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLRC63201T/0FE Datasheet(PDF) 81 Page - NXP Semiconductors

Part # CLRC63201T/0FE
Description  Multiple Protocol Contactless Reader IC
PDF  163 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

CLRC63201T/0FE Datasheet(HTML) 81 Page - NXP Semiconductors

Back Button CLRC63201T/0FE Datasheet HTML 77Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 78Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 79Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 80Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 81Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 82Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 83Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 84Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 85Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 163 page
background image
Philips Semiconductors
Product Specification Rev. 3.0; May 2003
Multiple Protocol Contactless Reader IC
CL RC632
81
Confidential
7.3
Controlling the FIFO-Buffer
Besides writing to and reading from the FIFO-buffer, the FIFO-buffer pointers might be reset by setting the bit
FlushFIFO. Consequently, FIFOLength becomes zero, FIFOOvfl is cleared, the actually stored bytes are not
accessible anymore and the FIFO-buffer can be filled with another 64 bytes again.
7.4
Status Information about the FIFO-Buffer
The µ-Processor may obtain the following data about the FIFO-buffers status:
•
Number of bytes already stored in the FIFO-buffer: FIFOLength
•
Warning, that the FIFO-buffer is quite full: HiAlert
•
Warning, that the FIFO-buffer is quite empty: LoAlert
•
Indication, that bytes were written to the FIFO-buffer although it was already full: FIFOOvfl
FIFOOvfl can be cleared only by setting bit FlushFIFO.
The CL RC632 can generate an interrupt signal
•
If LoAlertIRq is set to 1 it will activate Pin IRQ when LoAlert changes to 1.
•
If HiAlertIRq is set to 1 it will activate Pin IRQ when HiAlert changes to 1.
The flag HiAlert is set to 1 if only WaterLevel bytes or less can be stored in the FIFO-buffer. It is generated
by the following equation:
WaterLevel
FIFOLength
HiAlert
≤
−
=
)
64
(
The flag LoAlert is set to 1 if WaterLevel bytes or less are actually stored in the FIFO-buffer. It is generated
by the following equation:
WaterLevel
FIFOLength
LoAlert
≤
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com