Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLRC63201T/0FE Datasheet(PDF) 20 Page - NXP Semiconductors

Part # CLRC63201T/0FE
Description  Multiple Protocol Contactless Reader IC
PDF  163 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

CLRC63201T/0FE Datasheet(HTML) 20 Page - NXP Semiconductors

Back Button CLRC63201T/0FE Datasheet HTML 16Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 17Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 18Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 19Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 20Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 21Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 22Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 23Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 24Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 163 page
background image
Philips Semiconductors
Product Specification Rev. 3.0; May 2003
Multiple Protocol Contactless Reader IC
CL RC632
20
Confidential
5
CL RC632 REGISTER SET
5.1
CL RC632 Registers Overview
Page
Addresshex
Register Name
Function
0
Page
selects the register page
1
Command
starts (and stops) the command execution
2
FIFOData
in- and output of 64 byte FIFO buffer
3
PrimaryStatus
status flags of the receiver and transmitter and of the FIFO buffer
4
FIFOLength
number of bytes buffered in the FIFO
5
SecondaryStatus
diverse status flags
6
InterruptEn
control bits to enable and disable passing of interrupt requests
7
InterruptRq
interrupt request flags
8
Page
selects the register page
9
Control
diverse control flags e.g.: timer, power saving
A
ErrorFlag
error flags showing the error status of the last command executed
B
CollPos
bit position of the first bit collision detected on the RF-interface
C
TimerValue
actual value of the timer
D
CRCResultLSB
LSB of the CRC-Coprocessor register
E
CRCResultMSB
MSB of the CRC-Coprocessor register
F
BitFraming
adjustments for bit oriented frames
10
Page
selects the register page
11
TxControl
controls the logical behaviour of the antenna driver pins TX1 and TX2
12
CWConductance
selects the conductance of the antenna driver pins TX1 and TX2
13
ModConductance
Defines the driver output conductance
14
CoderControl
sets the clock rate and the coding mode
15
ModWidth
selects the width of the modulation pulse
16
ModWidthSOF
selects the width of the modulation pulse for SOF (I
•CODE Fast-Mode)
17
TypeBFraming
Defines the framing for ISO14443-B communication
18
Page
selects the register page
19
RxControl1
controls receiver behaviour
1A
DecoderControl
controls decoder behaviour
1B
BitPhase
selects the bit-phase between transmitter and receiver clock
1C
RxThreshold
selects thresholds for the bit decoder
1D
BPSKDemControl
Control BPSK receiver behaviour
1E
RxControl2
controls decoder behaviour and defines the input source for the receiver
1F
ClockQControl
controls clock generation for the 90° phase shifted Q-channel clock
CL RC632 Register Set (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com