Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLRC63201T/0FE Datasheet(PDF) 79 Page - NXP Semiconductors

Part # CLRC63201T/0FE
Description  Multiple Protocol Contactless Reader IC
PDF  163 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

CLRC63201T/0FE Datasheet(HTML) 79 Page - NXP Semiconductors

Back Button CLRC63201T/0FE Datasheet HTML 75Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 76Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 77Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 78Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 79Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 80Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 81Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 82Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 83Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 163 page
background image
Philips Semiconductors
Product Specification Rev. 3.0; May 2003
Multiple Protocol Contactless Reader IC
CL RC632
79
Confidential
6.4.1
KEY FORMAT
To store a key in the E²PROM, it has to be written in a specific format. Each key byte has to be split into the
lower four bits k0 to k3 (lower nibble) and the higher four bits k4 to k7 (higher nibble). Each nibble is stored
twice in one byte and one of the two nibbles is bit-wise inverted. This format is a precondition for successful
execution of the LoadKeyE2- (see 18.9.1) and the LoadKey-Command (see 18.9.2).
With this format, 12 bytes of the E²PROM memory are needed to store a 6 byte long key.
This is shown in the following table:
Example: For the actual key A0 A1 A2 A3 A4 A5hex the value 5A F0 5A E1 5A D2 5A C3 5A B4 5A A5hex
must be written into the E²PROM.
Note: Although it is possible to load data of any other format into the key storage location of the E²PROM, it
is not possible to obtain a valid card authentication with such a key. The LoadKeyE2-Command (see 18.9.1)
will fail.
6.4.2
STORAGE OF KEYS IN THE E²PROM
The CL RC632 reserves 384 bytes of memory area in the E²PROM to hold Crypto1 keys. It uses no memory
segmentation to mirror the 12 bytes structure of key storage. Thus, every byte of the dedicated memory area
may be the start of a key.
Example: If a key loading cycle starts at the last byte address of an E²PROM block, e.g. key byte 0 is stored
at 12Fhex, the following bytes are stored in the next E²PROM block , e.g. key byte 1 is stored at 130hex, byte 2
at 131hex, up to byte 11 at 13Ahex.
With 384 bytes of memory and 12 bytes needed for one key, 32 different keys may be stored in the
E²PROM.
Note: It is not possible to load a key exceeding the E²PROM byte location 1FFhex.
0 (LSB)
1
5 (MSB)
n
n+1
n+2
n+3
n+10
n+11
5A
hex
F0
hex
5A
hex
E1
hex
5A
hex
A5
hex
Master Key Byte
Master Key Bits
E²PROM Byte
Address
Example
k3 k2 k1 k0 k3 k2 k1 k0
k3 k2 k1 k0 k3 k2 k1 k0
k3 k2 k1 k0 k3 k2 k1 k0
k7 k6 k5 k4 k7 k6 k5 k4
k7 k6 k5 k4 k7 k6 k5 k4
k7 k6 k5 k4 k7 k6 k5 k4
Table 6-8: Key Storage Format



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com