Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLRC63201T/0FE Datasheet(PDF) 52 Page - NXP Semiconductors

Part # CLRC63201T/0FE
Description  Multiple Protocol Contactless Reader IC
PDF  163 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

CLRC63201T/0FE Datasheet(HTML) 52 Page - NXP Semiconductors

Back Button CLRC63201T/0FE Datasheet HTML 48Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 49Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 50Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 51Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 52Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 53Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 54Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 55Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 56Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 163 page
background image
Philips Semiconductors
Product Specification Rev. 3.0; May 2003
Multiple Protocol Contactless Reader IC
CL RC632
52
Confidential
5.2.5.3
ChannelRedundancy Register
Selects kind and mode of checking the data integrity on the RF-channel.
Name: ChannelRedundancy
Address: 0x22
Reset value: 00000011, 0x03
7
6
5
4
3
2
1
0
0
0
CRC
3309
CRC8
RxCRCEn
TxCRCEn
ParityOdd
ParityEn
Access
Rights
r/w
r/w
r/w
r/w
r/w
r/w
r/w
r/w
Description of the bits
Bit
Symbol
Function
7-6
00
This value shall not be changed
5
CRC3309
If set to 1, CRC-calculation is done according ISO/IEC3309 (ISO14443B) and ISO
15693.
Note: For usage according to ISO14443A this bit has to be 0.
For usage according to I•CODE1 this bit has to be 0.
4
CRC8
If set to 1, an 8-bit CRC is calculated.
If set to 0, a 16-bit CRC is calculated.
3
RxCRCEn
If set to 1, the last byte(s) of a received frame is/are interpreted as CRC byte/s.
If the CRC itself is correct the CRC byte(s) is/are not passed to the FIFO.
In case of an error, the CRCErr flag is set.
If set to 0, no CRC is expected.
2
TxCRCEn
If set to 1, a CRC is calculated over the transmitted data and the CRC byte(s) are
appended to the data stream.
If set to 0, no CRC is transmitted.
1
ParityOdd
If set to 1, an odd parity is generated or expected, respectively.
If set to 0 an even parity is generated or expected, respectively.
Note: For usage according to ISO14443-A this bit has to be 1.
0
ParityEn
If set to 1, a parity bit is inserted in the transmitted data stream after each byte
and expected in the received data stream after each byte (MIFARE
®, ISO14443A)
If set to 0, no parity bit is inserted or expected (ISO14443B)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com