Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLRC63201T/0FE Datasheet(PDF) 87 Page - NXP Semiconductors

Part # CLRC63201T/0FE
Description  Multiple Protocol Contactless Reader IC
PDF  163 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

CLRC63201T/0FE Datasheet(HTML) 87 Page - NXP Semiconductors

Back Button CLRC63201T/0FE Datasheet HTML 83Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 84Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 85Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 86Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 87Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 88Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 89Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 90Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 91Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 163 page
background image
Philips Semiconductors
Product Specification Rev. 3.0; May 2003
Multiple Protocol Contactless Reader IC
CL RC632
87
Confidential
9.2
Implementation of the Timer Unit
9.2.1
BLOCK DIAGRAM
The following block diagram shows the timer module.
The timer unit is designed in a way, that several events in combination with enabling flags start or stop the
counter. For example, setting the bit TStartTxBegin to 1 enables to control the receiving of data using the
timer unit. In addition, the first received bit is indicated by TxBeginEvent. This combination starts the counter
at the defined TReloadValue.
The timer stops either automatically if the counter value is equal to zero, or if a defined stop event happens.
Counter Module
(x <= x-1)
start counter /
parallel load
stop counter
>clock
Clock
Divider
13.56 MHz
TPreScaler [4:0]
TReloadValue [7:0]
TStopNow
RxEnd Event
TAutoRestart
TStopRxEnd
RxBegin Event
TStopRxBegin
TStartNow
TxEnd Event
TStartTxEnd
TxBegin Event
TStartTxBegin
TimerValue [7:0]
parallel in
parallel out
Counter = 0 ?
to Interrupt Logic: TimerIRq
to Parallel Interface
S
R
Q
Q
TRunning
Figure 9-1: Timer Module Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com