Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLRC63201T/0FE Datasheet(PDF) 31 Page - NXP Semiconductors

Part # CLRC63201T/0FE
Description  Multiple Protocol Contactless Reader IC
PDF  163 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

CLRC63201T/0FE Datasheet(HTML) 31 Page - NXP Semiconductors

Back Button CLRC63201T/0FE Datasheet HTML 27Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 28Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 29Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 30Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 31Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 32Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 33Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 34Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 35Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 163 page
background image
Philips Semiconductors
Product Specification Rev. 3.0; May 2003
Multiple Protocol Contactless Reader IC
CL RC632
31
Confidential
5.2.2
PAGE 1: CONTROL AND STATUS
5.2.2.1
Page Register
Selects the register page. See 5.2.1.1 Page Register.
5.2.2.2
Control Register
Diverse control flags, e.g.: timer, power saving.
Name: Control
Address: 0x09
Reset value: 00000000, 0x00
7
6
5
4
3
2
1
0
0
0
StandBy
PowerDown
Crypto1On
TStopNow
TStartNow
FlushFIFO
Access
Rights
r/w
r/w
dy
dy
dy
w
w
w
Description of the bits
Bit
Symbol
Function
7-6
00
Reserved for future use
5
StandBy
Setting this bit to 1 enters the Soft PowerDown Mode. This means, internal
current consuming blocks are switched off, the oscillator keeps running.
4
PowerDown
Setting this bit to 1 enters the Soft PowerDown Mode. This means, internal
current consuming blocks are switched off including the oscillator.
3
Crypto1On
This bit indicates that the Crypto1 unit is switched on and therefore all data
communication with the card is encrypted.
This bit can only be set to 1 by a successful execution of the Authent2 Command.
2
TStopNow
Setting this bit to 1 stops the timer immediately.
Reading this bit will always return 0.
1
TStartNow
Setting this bit to 1 starts the timer immediately.
Reading this bit will always return 0.
0
FlushFIFO
Setting this bit to 1clears the internal FIFO-buffer’s read- and write-pointer
(FIFOLength becomes 0) and the flag FIFOOvfl immediately.
Reading this bit will always return 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com