Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLRC63201T/0FE Datasheet(PDF) 23 Page - NXP Semiconductors

Part # CLRC63201T/0FE
Description  Multiple Protocol Contactless Reader IC
PDF  163 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

CLRC63201T/0FE Datasheet(HTML) 23 Page - NXP Semiconductors

Back Button CLRC63201T/0FE Datasheet HTML 19Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 20Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 21Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 22Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 23Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 24Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 25Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 26Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 27Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 163 page
background image
Philips Semiconductors
Product Specification Rev. 3.0; May 2003
Multiple Protocol Contactless Reader IC
CL RC632
23
Confidential
5.2
Register Description
5.2.1
PAGE 0: COMMAND AND STATUS
5.2.1.1
Page Register
Selects the register page.
Name: Page
Address: 0x00, 0x08, 0x10, 0x18,
0x20, 0x28, 0x30, 0x38
Reset value: 10000000, 0x80
7
6
5
4
3
2
1
0
UsePage
Select
0
0
0
0
PageSelect
Access
Rights
r/w
r/w
r/w
r/w
r/w
r/w
r/w
r/w
Description of the bits
Bit
Symbol
Function
7
UsePageSelect
If set to 1, the value of PageSelect is used as register address A5, A4, and A3.
The LSBbits of the register address are defined by the address pins or the internal
address latch, respectively.
If set to 0, the whole content of the internal address latch defines the register
address. The address pins are used as described in Table 4-2.
6-3
0000
Reserved for future use.
2-0
PageSelect
The value of PageSelect is used only if UsePageSelect is set to 1. In this case, it
specifies the register page (which is A5, A4, and A3 of the register address).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com